Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460152003 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0460152003
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152003 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0460152003 Datasheet HTML 1Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 2Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 3Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 4Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152003 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
4 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
1.0 SCOPE
This Product Specification covers the electrical, mechanical and environmental performance
requirements for the Mini-Fit Plus HCS
TM (High Current System) in 4.20 mm (.165 inch) pitch. The
Mini-Fit Plus HCS
TM uses contacts stamped in High Performance Alloy for increased current carrying
capacity, while maintaining properties at elevated operating temperatures. Wire-Wire, Wire-Panel,
Wire-Board, Panel-Panel, Panel-Board, and Board-Board configurations in Tin and Gold plated
systems. Crimp terminals accept 16 to 20 AWG stranded wire.
2.0 PRODUCT DESCRIPTION
2.1 SERIES NUMBERS, DESCRIPTION, SALES DRAWING NUMBERS
Agency Approval designations:
U-UL
C-CSA
T-TUV
SERIES
DESCRIPTION
SALES DRAWING
TPA
BMI
SMC
AGENCY
APP’L
CRIMP TERMINALS
45750
Female Crimp Terminal
SD-46012-001
NA
46012
Male Crimp Terminal
SD-45750-001
NA
HOUSINGS
5557
Receptacle Housing
SD-5557-003
U,C,T
5559
Plug Housing
SD-5559-NP
U,C,T
42475
Panel Mount BMI Plug Housing
SD-42475-***1
X
U,C,T
43770
Panel Mount Plug Housing, 36 Ckt
SD-43770-001
X
U,C,T
42474
Panel Mount Receptacle Housing
SD-42474-****
X
U,C,T
43974
Panel Mount Receptacle Hsg 40 Ckt
SD-43974-005
X
U,C,T
44516
Panel Mount Receptacle Housing,
Slide-and-Lock
SD-44516-00*
X
U,C
30067
TPA Receptacle Housing
SD-30067-*
X
U,C,T
30068
Panel Mount TPA Plug Housing
SD-30068-*
X
X
U,C,T
VERTICAL HEADERS
44068
Vertical BMI SMC Header, solid pin
SD-44068-031
X
X
U,C,T
46010
Vertical PCB Receptacle Header
SD-46010-001
X
U,C
46011
Vertical BMI Header
SD-46011-001
X
U,C
46014
Vertical Header, single row
SD-46014-001
U,C
46015
Vertical Header, dual row
SD-46015-001
U,C
87427
Vertical SMC Header
SD-87427-**4*
X
U,C
RIGHT ANGLE HEADERS
5569
Right Angle Header
SD-5569-002
U,C,T
SD-30070-001
30070
Right Angle TPA Header with
mounting flanges
SDA-30070-****
X
U,C,T
42404
Right Angle BMI Header
SDA-42404-****
X
U,C,T
43810
Right Angle BMI SMC Header
SD-43810-0**
X
X
U,C,T
43973
Right Angle Header, 40 Ckt
SD-43973-00*
X
X
U,C,T
45567
Right Angle Header, 36 Ckt
SD-45567-001
X
U,C
87427
Right Angle SMC Header
SD-87427-**0*,
-**1*, -**2*
X
U,C


Similar Part No. - 0460152003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152202 MOLEX11-0460152202 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com