Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460152202 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0460152202
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152202 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0460152202 Datasheet HTML 1Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 2Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 3Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 4Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152202 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
3 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
MINI-FIT PLUS HCS
TABLE OF CONTENTS
SECTION
PAGE
1.0
Scope
4
2.0
Product Description
4-5
2.1
Names and Series Numbers
4
2.2
Dimensions, Materials, Platings, and Markings
5
2.3
Safety Agency Approvals
5
3.0
Applicable Documents and Specifications
5
4.0
Packaging
5
5.0
Ratings
5-6
5.1 Voltage
5
5.2 Applicable Wires
5
5.3 Temperature
5
5.4 Wave Solder Process Temperature
5
5.5 Durability (Mating Cycles)
5
5.6 Maximum Current Carrying Capacities
6
Wire-To-Wire
Wire-To-Board
Board-To-Board
6.0
Product Performance Tests and Requirements
7-9
5.1
Electrical Requirements
7
5.2
Mechanical Requirements
7
5.3
Environmental Requirements
9
7.0
Test Sequences
11-13


Similar Part No. - 0460152202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152003 MOLEX11-0460152003 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com