Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460152407 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0460152407
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152407 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0460152407 Datasheet HTML 1Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 2Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 3Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 4Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152407 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
5 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
2.2 DIMENSIONS, MATERIALS, PLATINGS AND MARKINGS
For details regarding dimensions, materials and terminal platings, refer to the appropriate
sales drawings for further information.
2.3 SAFETY AGENCY APPROVALS
UL File: E29179
CSA Certificate: LR19980
TUV Certificate: R72081037
3.0 APPLICABLE STANDARDS AND SPECIFICATIONS
- EIA-364-1000
- Molex solderability specification SMES-152
4.0 PACKAGING
Parts shall be packaged to protect against damage during normal handling, transit and storage. For
details refer to the Packaging Specification as called out on the applicable product Sales Drawing.
5.0 RATINGS
5.1 VOLTAGE
600 Volts AC RMS or 600 Volts DC
5.2 APPLICABLE WIRES
WIRE GAUGE
INSULATION DIAMETER
16 AWG
1.80-3.10 millimeters / .071-.122 inches
18-20 AWG
1.65-2.95 millimeters / .065-.116 inches
5.3 TEMPERATURE RATING
Mini-Fit Plus HCS has a field temperature of 65°C and field life rating for 10 years based on
testing per EIA-364-17B, Method A.
5.4 WAVE SOLDER PROCESS TEMPERATURE
Headers with molded pegs: 240°C MAX.
Headers without pegs: 265°C MAX
5.5 DURABILITY (MATING CYCLES)
Tin:
100 cycles
Gold: 250 cycles
Durability ratings established as tested per Durability Test Procedures described by EIA-364-09C
and meet requirements for low level contact resistance and DWV as prescribed per EIA-364-1000
Test Sequence Group 7.


Similar Part No. - 0460152407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152407

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152202 MOLEX11-0460152202 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152003 MOLEX11-0460152003 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com