Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-1360F-S1A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1360F-S1A1E
Description  Fanless, ultra compact embedded box IPC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1360F-S1A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1360F-S1A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1360F-S1A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded IPC
All product specifications are subject to change without notice
Last updated : 25-Apr-2011
Features
ARK-1360
Intel® Atom™ Z510P/ Z530P Embedded
IPC with Mini PCIe Expansion Slot
ƒ Fanless, ultra compact embedded box IPC
ƒ Built-in Intel® Atom™ processor Z510P 1.1 GHz/ Z530P 1.6 GHz
ƒ Ultra low power Consumption solution
ƒ One Mini PCIe socket expansion for wireless application
ƒ 1 x 10/100/1000 Mbps Ethernet Ports, 4 x USB 2.0, 2 x COM
ƒ Ultra compact size, VESA mounted, robust construction with fanless operation
ƒ IP40 Rated
Specifications
Processor System
CPU
Intel Atom processor Z510P 1.1 GHz/ Z530P 1.6 GHz
Max. Speed
1.1 GHz/1.6 GHz
Front Side Bus
400/533 MHz FSB
System Chipset
Intel System Controller Hub US15WP
BIOS
Award 8 MB Flash BIOS
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Graphics
Chipset
Intel System Controller Hub US15WP
Interfaces
CRT Interfaces
Single 18/24-bit LVDS Interfaces (optional)
Ethernet
LAN
10/100/1000 Mbps Ethernet controller
Interfaces
Line-out, Mic-in
I/O Interfaces
Serial Ports
2 x RS-232
USB Interfaces
4 x USB ports, USB 2.0 compliant
Keyboard/Mouse
1 x PS/2 port, Supports PS/2 Mouse and Keyboard
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe
1 x Mini PCIe
Storage
HDD
N/A
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
XP Professional, XP Embedded, CE 6.0
Power Requirements
Power Type
ATX
Power Input Voltage
12 VDC ~ 24 VDC
Minimum Power Input
12 V @ 1.5 A
24 V @ 0.75 A
Power Adaptor
AC to DC, DC12 V/3 A, 36 W
Power Consumption
Typical
8W
Max
11W
Mechanical
Construction
Aluminum housing
Mounting
DIN-rail mounting; Desk/wall-mounting; VESA mounting
Dimensions (W x H x D)
189 x 41 x 130.6 mm (7.44" x 1.61" x 5.14")
Weight
1.15 kg (2.53 lb)
Environment
Operating Temperature
0 ~ 55° C (32 ~ 131° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1hr/axis
Shock During Operation
With CompactFlash disk: 50 Grms, IEC 60068-2-27 , half sine, 11 ms duration
EMC
CE/FCC Class A, CCC
Safety Certifications
UL, CCC
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ARK-1360F-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1360F-S1A1E ADVANTECH-ARK-1360F-S1A1E Datasheet
408Kb / 2P
   Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
More results

Similar Description - ARK-1360F-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-5280 ADVANTECH-ARK-5280 Datasheet
410Kb / 2P
   Fanless, Intel짰 Pentium짰 M Embedded Box IPC, with PCI/ISA Expansion
logo
AAEON Technology
TKS-G20-9310 AAEON-TKS-G20-9310 Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
TKS-G20-9455 AAEON-TKS-G20-9455 Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
TKS-G20-LN05 AAEON-TKS-G20-LN05 Datasheet
292Kb / 2P
   Fanless Embedded Box for GENE-LN05
TKS-G21-CV05 AAEON-TKS-G21-CV05 Datasheet
350Kb / 2P
   Fanless Embedded Box for GENE-CV05
BOXER-8221AI AAEON-BOXER-8221AI Datasheet
393Kb / 2P
   AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/05/31
logo
Advantech Co., Ltd.
UBX-310 ADVANTECH-UBX-310 Datasheet
1Mb / 4P
   Intelligent Compact Fanless BOX PC
8-Dec-2021
logo
AAEON Technology
TKS-E21-HD07 AAEON-TKS-E21-HD07 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
BOXER-8521AI AAEON-BOXER-8521AI Datasheet
465Kb / 2P
   AI@Edge Compact Fanless Embedded BOX PC with Google Edge TPU
BOXER-8223AI AAEON-BOXER-8223AI Datasheet
475Kb / 2P
   AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/07/29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com