Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-2120F Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-2120F
Description  Intel짰 Atom??N2600/D2550 High Value Fanless Embedded Box PC with 3 GbE and 6 COM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-2120F Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-2120F Datasheet HTML 1Page - Advantech Co., Ltd. ARK-2120F Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-2120F
Packing List
Part Number
Description
-
1 x ARK-2120 Unit
-
1 x Utility CD
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
1700009001
1 x 2-pin Phoenix to DC-Jack power cable
Ordering Information
Part Number
Description
ARK-2120F-S6A1E
Intel Atom N2600 1.6 GHz, w/HDMI, VGA, LVDS, 3 x GBE,
5 x USB2.0, 6 x COM, DIO, Audio, MiniPCIe
ARK-2120F-S8A1E
Intel Atom D2550 1.86 GHz, w/HDMI, VGA, LVDS,
3 x GBE, 5 x USB2.0, 6 x COM, DIO, Audio, MiniPCIe
Optional Items
Part Number
Description
1757003659
AC-to-DC Adapter, DC19 V/3.42 A 65 W, with Phoenix
Power Plug, 0 ~ 40° C for Home and Office Use
1700001947
Power cable 2-pin 180 cm, USA for ARK-338X
1700001948
Power cable 2-pin 180 cm, Europe for ARK-338X
1700001949
Power cable 2-pin 180 cm, UK for ARK-338X
1960025333N00N
VESA mounting bracket
9666K10000E
DIN-rail mounting kit
Embedded OS
Part Number
Description
2070011152
Image WES7E SP1 x32 V5.1 ATIP
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ø4
Ø2.5
6
Detail A
Ø4,6
8,0
264,5
238,2
252,5
Detail A
68.39
3.5
3
4
5
6
ANT
COM3
COM4
COM5
COM6
LINE-IN
LINE-OUT
MIC
DC INPUT
BACKLIGHT
DC IN
12V~24V
VCC
GND
LVDS
BACKLIGHT
LVDS
LAN1
LAN2
1
3
2
4
ANT
ON/OFF
HDD LED
PWR LED
VGA
CFast
USB2
USB1
USB4
USB3
HDMI
LAN1
LAN2
Digital IO
1
2
LAN3
5
LAN3
COM2
USB1
COM1


Similar Part No. - ARK-2120F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2120F ADVANTECH-ARK-2120F Datasheet
1Mb / 2P
   Intel Atom Dual Core D2550
ARK-2120F-S8A1E ADVANTECH-ARK-2120F-S8A1E Datasheet
1Mb / 2P
   Intel짰 Atom??Dual Core D2550 with 3 GbE,6 COM & Wide Range Power Fanless Box PC
ARK-2120F-S8A1E ADVANTECH-ARK-2120F-S8A1E Datasheet
1Mb / 2P
   Intel Atom Dual Core D2550
ARK-2120F ADVANTECH-ARK-2120F_14 Datasheet
1Mb / 2P
   Intel짰 Atom??Dual Core D2550 with 3 GbE,6 COM & Wide Range Power Fanless Box PC
ARK-2120F ADVANTECH-ARK-2120F_16 Datasheet
1Mb / 2P
   Intel Atom Dual Core D2550
More results

Similar Description - ARK-2120F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2120L ADVANTECH-ARK-2120L Datasheet
2Mb / 2P
   Intel짰 Atom??N2600/D2550 High Value Fanless Embedded Box PC with Multiple I/Os
ARK-2120F ADVANTECH-ARK-2120F_14 Datasheet
1Mb / 2P
   Intel짰 Atom??Dual Core D2550 with 3 GbE,6 COM & Wide Range Power Fanless Box PC
MIOS-5250 ADVANTECH-MIOS-5250 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/D2550 Fanless Embedded Box PC with Multiple I/O Extension Module
ARK-3360F ADVANTECH-ARK-3360F_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with 3 GigaLAN and Isolated COM Ports
ARK-2120L ADVANTECH-ARK-2120L_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Dual Core N2600/D2550 with Multiple I/Os Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_V01 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
10-Jan-2019
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com