Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-3360F Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-3360F
Description  Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with 3 GigaLAN and Isolated COM Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3360F Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-3360F_12 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3360F_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Unit: mm (inch)
Dimensions
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Unit: mm (inch)
COM2
COM3
COM4
COM5
COM6
USB0
USB1
LAN1 LAN2
CF CARD
COM1
VGA
Power Input
USB2
USB3
USB4
USB5
DIO
HDD LED
PWR LED
MIC
LINE-IN
LINE-OUT
LAN3
ARK-3360F
Packing List
Part Number
Description
-
1 x ARK-3360 Unit
-
1 x Driver/Utility CD/Manual
-
1 x User Manual (Simplified Chinese)
1700009001
1 x 2-pin Phoenix DC power connector
Ordering Information
Part Number
Description
ARK-3360F-N4A1E
Intel Atom N450 1.66 GHz, w/3 x GbE, 6 x USB 2.0,
6 x COM, 1x Mini PCIe, 1 x Mini PCI, VGA, DIO, Audio
ARK-3360F-D5A1E
Intel Atom D510 1.66 GHz, w/3 x GbE, 6 x USB 2.0,
6 x COM, 1x Mini PCIe, 1 x Mini PCI, VGA, DIO, Audio
119.51 [4.705]
125.76 [4.951]
252.50 [9.941]
4.00
[.157]
4.00 [0.158]
5.00 [0.197]
4.00 [0.158]
8.00
[0.315]
8.00 [0.315]
4.00
[0.158]
69.20 [2.724]
69.00 [2.717]
Optional Items
Part Number
Description
1757003659
AC-to-DC Adapter, DC19 V/3.42 A 65 W, with Phoenix
Power Plug, 0 ~ 40° C for Home and Office Use
1700001947
Power cable 2-pin 180 cm, USA type
1700001948
Power cable 2-pin 180 cm, Europe type
1700001949
Power cable 2-pin 180 cm, UK type
Embedded OS
Part Number
Description
2070009030
XPE WES2009 V4.0 ENG
2070009031
XPE WES2009 V4.0 MUI24
2070009835
WES7E V5.0 ENG


Similar Part No. - ARK-3360F_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
ARK-3360F ADVANTECH-ARK-3360F_15 Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
More results

Similar Description - ARK-3360F_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3360L ADVANTECH-ARK-3360L_12 Datasheet
2Mb / 2P
   Intel짰 Atom??N450/D510 High Value Fanless Embedded Box PC with Multiple I/O
ARK-3360F ADVANTECH-ARK-3360F_14 Datasheet
602Kb / 2P
   Intel짰 Atom??N450/D510 with 3 GbE, Isolated COM & wide range power Fanless Box PC
ARK-3360L ADVANTECH-ARK-3360L_15 Datasheet
641Kb / 2P
   Intel짰 Atom??N450/D510 with Multiple I/O High Value Fanless Box PC
ARK-2120F ADVANTECH-ARK-2120F Datasheet
3Mb / 2P
   Intel짰 Atom??N2600/D2550 High Value Fanless Embedded Box PC with 3 GbE and 6 COM
ARK-3360F ADVANTECH-ARK-3360F_15 Datasheet
776Kb / 2P
   Intel Atom N450/D510 with 3 GbE, Isolated COM
logo
List of Unclassifed Man...
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
logo
Advantech Co., Ltd.
SOM-6763 ADVANTECH-SOM-6763 Datasheet
888Kb / 2P
   Intel짰 Atom N450/D510 COM-Micro CPU Module
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
AIMB-212_1206 ADVANTECH-AIMB-212_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com