Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0483380075 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0483380075
Description  0.8mm PITCH MINI PCI EXPRESS CONNECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0483380075 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  0483380075 Datasheet HTML 1Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 2Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 3Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 4Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 5Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 6Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 7Page - Molex Electronics Ltd. 0483380075 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION: TITLE:
0.8mm PITCH MINI PCI
EXPRESS CONNECTOR
SHEET No.
B1
EC No: S2011-0490
8 of 8
DATE: 2010 /11/30
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-48338-002
JESSIECHUA 2010/11/30
KSSHANTHA 2010/11/30
NAGESHKN 2010/12/03
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A4](V.1).DOC
6.0 PRODUCT QUALIFICATIO
A D REQUALIFICATIO
TEST SEQUE CE
Test Item
Test Group
A
B
C
D
E
F
G
H
I
J
K
Examination of Product
1,10
1,5
1,9
1,3
1,3
Contact Resistance
(Low Level)
1,5
1,4
2,7
2,4
1,7
2,8
Insulation Resistance
3,8
2,5
3,6
Dielectric Withstanding
Voltage
4,9
3,6
4,7
Temperature Rise
4
Insertion Loss
1
Return Loss
2
Next Cross-talk
3
Mating / Unmating Force
2,4
Durability
3
Vibration
2
Shock (Mechanical)
3
Terminal / Housing
Retention Force
1
Nail / Housing
Retention Force
2
Thermal Shock
5
Cyclic Temperature and
Humidity
6
Temperature life
5
Salt Spray
3
Solderability
1
Hand soldering
2
Resistance To Soldering Heat
2
Sample Size*
5
5
5
5
5
5
5
5
5
5
5
All Test samples need to be PCB mounted.


Similar Part No. - 0483380075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0483380070 MOLEX11-0483380070 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
More results

Similar Description - 0483380075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0483380070 MOLEX11-0483380070 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380085 MOLEX11-0483380085 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380052 MOLEX11-0483380052 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380080 MOLEX11-0483380080 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380056 MOLEX11-0483380056 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380065 MOLEX11-0483380065 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380068 MOLEX11-0483380068 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380040 MOLEX11-0483380040 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380099 MOLEX11-0483380099 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com