Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0483380080 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0483380080
Description  0.8mm PITCH MINI PCI EXPRESS CONNECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0483380080 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  0483380080 Datasheet HTML 1Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 2Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 3Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 4Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 5Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 6Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 7Page - Molex Electronics Ltd. 0483380080 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION: TITLE:
0.8mm PITCH MINI PCI
EXPRESS CONNECTOR
SHEET No.
B1
EC No: S2011-0490
7 of 8
DATE: 2010 /11/30
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-48338-002
JESSIECHUA 2010/11/30
KSSHANTHA 2010/11/30
NAGESHKN 2010/12/03
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A4](V.1).DOC
21
Resistance To Soldering
Heat
INFRARED REFLOW CONDITIONS
260℃ Maximum (PEAK TEMPERATURE)
8 MINUTES MAXIMUM
250℃ Max.
20-40sec.
3℃ MAXIMUM/SECOND
AVERAGE RANGE UP
180 sec.
30 sec.
(preheat temperature:150~200℃ MAXIMUM)
TEMPERATURE CONDITION GRAPH
( TEMPERATURE ON BOARD PATTERN SIDE )
Appearance : No damage
after 1 time of reflow


Similar Part No. - 0483380080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0483380085 MOLEX11-0483380085 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
More results

Similar Description - 0483380080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0483380070 MOLEX11-0483380070 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380085 MOLEX11-0483380085 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380052 MOLEX11-0483380052 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380056 MOLEX11-0483380056 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380065 MOLEX11-0483380065 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380068 MOLEX11-0483380068 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380040 MOLEX11-0483380040 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380075 MOLEX11-0483380075 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
0483380099 MOLEX11-0483380099 Datasheet
187Kb / 8P
   0.8mm PITCH MINI PCI EXPRESS CONNECTOR
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com