Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0621005110 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0621005110
Description  I-TRAC??BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621005110 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0621005110 Datasheet HTML 1Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 2Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 3Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 4Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 5Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 6Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 7Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 8Page - Molex Electronics Ltd. 0621005110 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
I-Trac™ Backplane and Daughtercard Tooling
Doc. No: TM-622018699
Release Date: 12-05-07
UNCONTROLLED COPY
Page 5 of 27
Revision: D
Revision Date: 04-15-10
Figure 1-3
PRESS THROAT DIMENSIONS
B
A
C
Figure 1-1
62202-3800 8-TON PRESS
General Description
1.1 Description
This manual covers the tooling available to press
Molex I-Trac™ Backplane Power Modules,
Backplane Connectors, and Daughtercard Modules
into printed circuit boards. Repair tools and custom
tools are also covered. The tooling is designed to
go into a flat platen press. Operation is simple:
Position a printed circuit board on the customer
supplied support. Then pre-seat a connector(s) by
hand into the pc board. Position the loading head
into the connector. Actuate the press to press the
connector into the board.
1.2 Features
The press-in tooling is designed so that one module
will press in one connector, or several modules can
be mounted in a tool holder and be used to press in
any combination of connectors in one operation.
See Section 4-2 (Ordering Instructions) for details.
1.3 Technical Specifications
Dimensions and Weight
The dimensions and weight depend on the tooling
used and the size of the pc board support.
Rate
90 connectors pressed in (one at a time) per hour
depending on operator skill.
1.4 Delivery Check
Carefully remove the tooling from its shipping
container and check to be sure what was received
matches the purchase order and no damage has
occurred.
1.5 Tools
A metric hex wrench set will be required to
assemble or disassemble tooling mounted in holders
(Optional).
Molex Presses
Molex offers a press that is suitable for this
application. It is:
62201-3800 8-ton Pneumatic Flat Platen Press
See Figure 1-1.
1.6 Press Requirements
This tooling is designed to fit in a flat platen (or flat
rock) press, capable of 66N (15 lbs) of force per
pin.
Letter
Description Dimension (min)
(See Figure1-3)
A
Upper Platen51by 102 by 25.4mm
(2 by 4 by 1”)
B
Opening
89mm (3.5”)
C
Throat
150mm (6”)


Similar Part No. - 0621005110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621005110 MOLEX11-0621005110 Datasheet
32Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0621005110 MOLEX11-0621005110 Datasheet
33Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Left Guide
0621005110 MOLEX11-0621005110 Datasheet
41Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Right Guide
0621005110 MOLEX11-0621005110 Datasheet
33Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch,Unguided,
0621005110 MOLEX11-0621005110 Datasheet
41Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Right Guide
More results

Similar Description - 0621005110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621009610 MOLEX11-0621009610 Datasheet
2Mb / 27P
   I-TRAC??BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622023030 MOLEX11-0622023030 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622020214 MOLEX11-0622020214 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022440 MOLEX11-0622022440 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022810 MOLEX11-0622022810 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022900 MOLEX11-0622022900 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622023025 MOLEX11-0622023025 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022009 MOLEX11-0622022009 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022005 MOLEX11-0622022005 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
0622022100 MOLEX11-0622022100 Datasheet
1Mb / 28P
   GbX횘 BACKPLANE and DAUGHTERCARD INSTALLATION and REPAIR TOOLING Operation Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com