Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPA-CG2C7 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # GPA-CG2C7
Description  sensitive, efficient antenna for receiving GPS satellite waves.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

GPA-CG2C7 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  GPA-CG2C7 Datasheet HTML 1Page - Mitsumi Electronics, Corp. GPA-CG2C7 Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
DIMENSIONS
GPS Antenna
14.8
12
15
(0.55)
4-C0.5
2-C0.8
2-R0.4
0.3 max.
B
VIEW B
(S=20)
Antenna Erement
Shield Case
100
±4
Connector : AYU1
(JST)
Cable : GS0.7D-5292
(SHIKOKU CABLE)
Date Code on the Label
*For the technical details of the products in this page, please refer to RF / NETWORK Sales Div. Phone : 042-310-4707.
Unit : mm


Similar Part No. - GPA-CG2C7

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
   GPS Antenna
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
More results

Similar Description - GPA-CG2C7

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-MG201 MITSUMI-GPA-MG201 Datasheet
119Kb / 2P
   Antenna with LNA that receives GPS satellite waves efficienly and with high sensitivity
logo
Vincotech
A1035-H VINCOTECH-A1035-H Datasheet
142Kb / 2P
   Cost-efficient and complete-an SMT GPS antenna module
logo
EPCOS
B69740U1577A250 EPCOS-B69740U1577A250 Datasheet
333Kb / 4P
   Antenna for GPS 1575 MHz
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
RPA-GP-A-16-IPEX-25-G RALTRON-RPA-GP-A-16-IPEX-25-G Datasheet
233Kb / 4P
   GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
RPA-GP-A-17-IPEX-64-Y RALTRON-RPA-GP-A-17-IPEX-64-Y Datasheet
177Kb / 3P
   GPS ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com