Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5514 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5514
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5514 Datasheet HTML 3Page - Linear Technology LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC6417
7
6417f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6417C/LTC6417I is guaranteed functional over the case
temperature operating range of –40°C to 105°C.
θJC = 6.8°C/W.
Note 3: The LTC6417C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C and 105°C case temperature range but is not
tested or QA sampled at these temperatures. The LT6417I is guaranteed to
meet specified performance from –40°C to 105°C case temperature range.
Note 4: This parameter is pulse tested.
ac elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V unless otherwise noted, GND = 0V, RLOAD = 500Ω,CLOAD = 6pF.
VCM = 1.25V, CLHI = V+, PWRADJ = VCC, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN)/2. VOUTCM is defined as
(OUT+ + OUT)/2. VINDIFF is defined as (IN+ – IN). VOUTDIFF is defined as (OUT+ – OUT). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–73
–79
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
41
dBm
P1dB
Output 1dB Compression Point
15.6
dBm
380MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–66
–68
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–68
–77
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
36
39
dBm
P1dB
Output 1dB Compression Point
15.3
dBm
400MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–65
–68
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–68
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
39
dBm
P1dB
Output 1dB Compression Point
15.3
dBm
500MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–65
–67
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–64
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
37
dBm
P1dB
Output 1dB Compression Point
15.0
dBm
600MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–60
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–58
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
34
dBm
P1dB
Output 1dB Compression Point
14.7
dBm
700MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–55
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–52
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
31
dBm
P1dB
Output 1dB Compression Point
14.2
dBm


Similar Part No. - LT5514

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT5514 LINER-LT5514 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5514 LINER-LT5514 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5514 LINER-LT5514 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT5514

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Linear Technology
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com