Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3980 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3980
Description  40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3980 Datasheet HTML 7Page - Linear Technology LT3980 Datasheet HTML 8Page - Linear Technology LT3980 Datasheet HTML 9Page - Linear Technology LT3980 Datasheet HTML 10Page - Linear Technology LT3980 Datasheet HTML 11Page - Linear Technology LT3980 Datasheet HTML 12Page - Linear Technology LT3980 Datasheet HTML 13Page - Linear Technology LT3980 Datasheet HTML 14Page - Linear Technology LT3980 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
//htmlimg2.alldatasheet.net/htmldatasheet2/495226/LINER/LT3980/1699/11/LT3980.png


Similar Part No. - LT3980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3980 LINER-LT3980 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3980 LINER-LT3980 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
417Kb / 28P
   40V, 5A, 2MHz Step-Down Switching Regulator with 3.3關A Quiescent Current
LT3980 LINER-LT3980 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
More results

Similar Description - LT3980

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com