Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6995-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC6995-1
Description  TimerBlox: Long Timer, Low Frequency Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6995-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC6995-1 Datasheet HTML 20Page - Linear Technology LTC6995-1 Datasheet HTML 21Page - Linear Technology LTC6995-1 Datasheet HTML 22Page - Linear Technology LTC6995-1 Datasheet HTML 23Page - Linear Technology LTC6995-1 Datasheet HTML 24Page - Linear Technology LTC6995-1 Datasheet HTML 25Page - Linear Technology LTC6995-1 Datasheet HTML 26Page - Linear Technology LTC6995-1 Datasheet HTML 27Page - Linear Technology LTC6995-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC6995-1/LTC6995-2
28
699512f
For more information www.linear.com/6995
LINEAR TECHNOLOGY CORPORATION 2013
LT 0213 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/6995
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1MHz to 33MHz ThinSOT Silicon Oscillator
Wide Frequency Range
LTC6900
1MHz to 20MHz ThinSOT Silicon Oscillator
Low Power, Wide Frequency Range
LTC6906/LTC6907 10kHz to 1MHz or 40kHz ThinSOT Silicon Oscillators
Micropower, ISUPPLY = 35µA at 400kHz
LTC6930
Fixed Frequency Oscillator, 32.768kHz to 8.192MHz
0.09% Accuracy, 110µs Start-Up Time, 105µA at 32kHz
LTC6990
TimerBlox: Voltage-Controlled Silicon Oscillator
Fixed-Frequency or Voltage-Controlled Operation
LTC6991
TimerBlox: Very Low Frequency Oscillator with Reset
Cycle Time from 1ms to 9.5 Hours, No Capacitors, 2.2% Accurate
LTC6992
TimerBlox: Voltage-Controlled Pulse Width Modulator (PWM)
Simple PWM with Wide Frequency Range
LTC6993
TimerBlox: Monostable Pulse Generator (One Shot)
Resistor Programmable Pulse Width of 1µs to 34sec
LTC6994
TimerBlox: Delay Block/Debouncer
Delays Rising, Falling or Both Edges 1µs to 34sec
Sentry Timer
699512 TA07
R2
49.9k
60.4k
800Hz
ALARM TONE
DIVCODE = 0
4 HOUR TIMER
DIVCODE = 7
PUSH BUTTON
EVERY 4 HOURS OR
ALARM SOUNDS
LTC6995-2
RST
GND
SET
OUT
V+
DIV
FF
Q
CLK
CLR
Q
D
100k
R1
887k
V+
V+
V+
V+
75k
332k
15
32


Similar Part No. - LTC6995-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
398Kb / 14P
   TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results

Similar Description - LTC6995-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com