Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1993-4 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1993-4
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1993-4 Datasheet HTML 4Page - Linear Technology LT1993-4 Datasheet HTML 5Page - Linear Technology LT1993-4 Datasheet HTML 6Page - Linear Technology LT1993-4 Datasheet HTML 7Page - Linear Technology LT1993-4 Datasheet HTML 8Page - Linear Technology LT1993-4 Datasheet HTML 9Page - Linear Technology LT1993-4 Datasheet HTML 10Page - Linear Technology LT1993-4 Datasheet HTML 11Page - Linear Technology LT1993-4 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6431-15
8
643115f
Typical perForMance characTerisTics
Gain vs Output Power
Over Frequency
P1dB vs Frequency
Output Power vs Input Power
Over Frequency
OUTPUT POWER (dBm)
0
12.0
13.0
14.0
15.0
5
10
20
15
16.0
12.5
13.5
14.5
15.5
643115 G20
60MHz
100MHz
140MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
20
21
700
19
18
200
400
100
900
300
500
800
600
1000
17
16
22
643115 G21
60MHz
100MHz
140MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
INPUT POWER (dBm)
–10
8
18
20
22
–6
–2
2
4
14
6
16
2
0
12
10
–8
–4
6
10
0
4
8
643115 G19
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless
otherwise noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).
Total Current (ITOT) vs VCC
Total Current (ITOT)
vs Case Temperature
Total Current vs RF Input Power
VCC (V)
4
90
5.75
80
70
4.5
5
4.25
4.75
5.25 5.5
6
60
50
100
TCASE = 25°C
643115 G16
TEMPERATURE (°C)
90
100
20
86
96
88
98
84
82
94
92
–40 –20
60
100
0
40
80
VCC = 5V
643115 G17
RF INPUT POWER (dBm)
–15
80
85
90
75
70
–10
0
–5
5
10
15
20
55
50
65
95
60
643115 G21
VCC = 5V
T = 25°C
HD2 vs Frequency Over POUT
HD3 vs Frequency Over POUT
HD4 vs Frequency Over POUT
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–50
200
400
100
900
300
500
800
600
1000
–60
–70
0
643115 G13
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–60
200
400
100
900
300
500
800
600
1000
–80
–100
–50
–70
–90
0
643115 G14
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–60
200
400
100
900
300
500
800
600
1000
–80
–100
–50
–70
–90
0
643115 G15


Similar Part No. - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT1993-4 LINER-LT1993-4 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-4 LINER-LT1993-4 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-4 LINER-LT1993-4 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
More results

Similar Description - LT1993-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com