Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1994 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1994
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994 Datasheet(HTML) 5 Page - Linear Technology

  LT1994 Datasheet HTML 1Page - Linear Technology LT1994 Datasheet HTML 2Page - Linear Technology LT1994 Datasheet HTML 3Page - Linear Technology LT1994 Datasheet HTML 4Page - Linear Technology LT1994 Datasheet HTML 5Page - Linear Technology LT1994 Datasheet HTML 6Page - Linear Technology LT1994 Datasheet HTML 7Page - Linear Technology LT1994 Datasheet HTML 8Page - Linear Technology LT1994 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6431-15
5
643115f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency = 700MHz
S21
Power Gain
De-Embedded to Package
15.2
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
40.0
39.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–76.0
–74.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–51.9
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–69.0
dBc
P1dB
Output 1dB Compression Point
20.3
dBm
NF
Noise Figure
De-Embedded to Package
3.75
dB
Frequency = 800MHz
S21
Power Gain
De-Embedded to Package
15.2
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
39.0
38.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–74
–72
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–49.2
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–65.0
dBc
P1dB
Output 1dB Compression Point
20.1
dBm
NF
Noise Figure
De-Embedded to Package
3.83
dB
Frequency = 900MHz
S21
Power Gain
De-Embedded to Package
15.1
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
38.5
37.5
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–73.0
–71.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–46.7
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–63.0
dBc
P1dB
Output 1dB Compression Point
19.9
dBm
NF
Noise Figure
De-Embedded to Package
3.90
dB
Frequency = 1000MHz
S21
Power Gain
De-Embedded to Package
15.0
dB
OIP3
Output Third-Order Intercept Point
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
38.0
37.0
dBm
dBm
IM3
Third-Order Intermodulation
POUT = 2dBm/Tone, Δf = 1MHz
A-Grade
B-Grade
–72.0
–70.0
dBc
dBc
HD2
Second Harmonic Distortion
POUT = 6dBm
–45.0
dBc
HD3
Third Harmonic Distortion
POUT = 6dBm
–59.0
dBc
P1dB
Output 1dB Compression Point
19.5
dBm
NF
Noise Figure
De-Embedded to Package
3.99
dB
ac elecTrical characTerisTics T
A = 25°C (Note 3), VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise
noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: Guaranteed by design and characterization. This parameter is not tested.
Note 3: The LTC6431-15 is guaranteed functional over the case operating
temperature range of –40°C to 85°C.
Note 4: Small-signal parameters S and noise are de-embedded to the package
pins, while large-signal parameters are measured directly from the circuit.


Similar Part No. - LT1994

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT1994 LINER-LT1994 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT1994 LINER-LT1994 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT1994

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com