Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.5623.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.5623.xx
Description  Directly solderable on printed circuit boards
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5623.xx Datasheet(HTML) 1 Page - Schurter Inc.

  0034.5623.xx Datasheet HTML 1Page - Schurter Inc. 0034.5623.xx Datasheet HTML 2Page - Schurter Inc. 0034.5623.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
SMD-FST
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
 
IEC 60127-2 · 250VAC · Time-Lag T
Description
-Directlysolderableonprintedcircuitboards
-L=LowBreakingCapacity
-Forratedcurrent1Ato16A,SMD-SPTisrecommended
Standards
-IEC60127-2/3
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDECertificateNumber:40011522
-ULFileNumber:E41599
Applications
-PrimaryProtectiononSMDPCB
References
PackagingDetails
Weblinks
pdf-datasheet,html-datasheet,GeneralProductInformation,
Approvals,CEdeclarationofconformity,RoHS,CHINA-RoHS,e-Shop,
SCHURTER-Stock-Check,Distributor-Stock-Check,Detailedrequestfor
product
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.05-20A
BreakingCapacity
35A-125A
Characteristic
Time-LagT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Glass
Material:Terminals
Gold-PlatedCopperAlloy
UnitWeight
1.05g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Dielectricstrength,Cha-
racteristic,BreakingCapacity
SolderingMethods
Reflow
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
ResistancetoVibration
acc.toIEC60068-2-6,testFc
LoadHumidityTest
MIL-STD-202,Method103B
0.1xIn@0.85r.H.@85°C
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
Deflectionofboard1mmfor1minute
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
ResistancetoSolvents
MIL-STD-202,Method215A
Dimensions
20mm
 
10
20±0.5
±0.2
5.5
5.5
9.5
Soldering pads
 


Similar Part No. - 0034.5623.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5623.xx SCHURTER-0034.5623.xx Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results

Similar Description - 0034.5623.xx

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT631SMX-4 ACT-ACT631SMX-4 Datasheet
358Kb / 3P
   crystal suitable for automatic placement on printed circuit boards.
01/11/2005
ACT631SMX-4 ACT-ACT631SMX-4_12 Datasheet
281Kb / 2P
   crystal suitable for automatic placement on printed circuit boards
31-5-2012
logo
GeneSiC Semiconductor, ...
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
   Ideal for printed circuit boards
logo
Advanced Crystal Techno...
ACT631SMX-2 ACT-ACT631SMX-2 Datasheet
59Kb / 2P
   crystal suitable for automatic placement on printed circuit boards.
16/08/04
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
   Ideal for printed circuit boards
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
   Ideal for printed circuit boards
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
   Ideal for printed circuit boards
Revision: 15-Nov-16
logo
First Silicon Co., Ltd
KBJ401 FS-KBJ401 Datasheet
233Kb / 2P
   Ideal for printed circuit boards
logo
Wurth Elektronik GmbH &...
74278042 WURTH-74278042 Datasheet
433Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278043 WURTH-74278043 Datasheet
446Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com