Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-6620-18ZBE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-6620-18ZBE
Description  Compact Embedded Chassis for Mini-ITX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6620-18ZBE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-6620-18ZBE Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6620-18ZBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
Various cutouts
Standard
motherboard I/O
shield
Power switch
HDD LED
Temp. LED
Expansion slot
1U 180 W power
supply with power
cord hook
Shockproof disk drive bay
for one 3.5" HDD and one
slim optical disk drive
System fan with filter
AC 180 W PSU
ARK-6610
ARK-6610
ARK-6620
ARK-6620
Various cutouts
Standard
motherboard I/O
shield
Power switch
HDD LED
Temp. LED
1U 180 W power
supply with power
cord hook
A solid handle for convenient use
Shockproof disk
drive bay for one
3.5" HDD
Two system fans with
one reusable filter
AC 180 W PSU
ARK-6610/6620 CompactEmbeddedChassis
for Mini-ITX Motherboard
ƒ Front I/O interfaces with one expansion slot
ƒ Reserves cutouts for COM, DVI/LVDS, S/C-video, USB, and WLAN antenna
ƒ Shockproof disk drive bay for one slim CD/DVD-ROM and one 3.5" hard disk
ƒ Bottom door for access to CF or mini-PCI on the solder side of motherboard
ƒ Optional 180 W Flex ATX Power Supply with power cord hook
ƒ Optional WLAN 802.11 b/g module
ƒ Bare version supports dedicated motherboard: AIMB-212/213
Specifications
Disk Drive Bay
ARK-6610
ARK-6620
Slim Optical Drive
1
-
3.5" (internal)
1
1
I/O Interface
COM
5
2
USB
2
-
DVI/LVDS
2
1
S/C-Video
1
1
WLAN Antenna
1
1
Cooling
Fan
1 (9 cm / 52.5 CFM)
2 (6 cm / 27.7 CFM, each)
Air Filter
Yes
Yes
Miscellaneous
LED Indicators
Power, HDD, temperature
Power, HDD, temperature
Control
Power switch
Power switch
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85%, 40° C, non-condensing
10 ~ 95%, @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
250 x 156 x 253 mm (9.8" x 6.1" x 10")
272 x 88 x 232 mm (10.7" x 3.5" x 9.1")
Weight
4.76 kg (10.47 lb)
3.49 kg (7.68 lb)
Front View
Inside View
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - ARK-6620-18ZBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6620-18ZBE ADVANTECH-ARK-6620-18ZBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620-18ZBE ADVANTECH-ARK-6620-18ZBE Datasheet
797Kb / 2P
   Compact Chassis for Mini-ITX Motherboard
More results

Similar Description - ARK-6620-18ZBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6620 ADVANTECH-ARK-6620 Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_15 Datasheet
797Kb / 2P
   Compact Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_V01 Datasheet
955Kb / 2P
   Compact Chassis for Mini-ITX Motherboard
23-Mar-2018
AIMB-C200 ADVANTECH-AIMB-C200_15 Datasheet
1,013Kb / 2P
   Economical Embedded Chassis for Mini-ITX Motherboard
AIMB-C200 ADVANTECH-AIMB-C200 Datasheet
1Mb / 2P
   Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610 Datasheet
950Kb / 2P
   Compact Mini-ITX Chassis for Embedded Applications
logo
AAEON Technology
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1_15 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com