Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10LT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMBTH10LT1
Description  VHF/UHF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBTH10LT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MMBTH10LT1 Datasheet HTML 1Page - Motorola, Inc MMBTH10LT1 Datasheet HTML 2Page - Motorola, Inc MMBTH10LT1 Datasheet HTML 3Page - Motorola, Inc MMBTH10LT1 Datasheet HTML 4Page - Motorola, Inc MMBTH10LT1 Datasheet HTML 5Page - Motorola, Inc MMBTH10LT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBTH10LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
Figure 5. Rectangular Form
grb (mmhos)
Figure 6. Polar Form
f, FREQUENCY (MHz)
Figure 7. Rectangular Form
gob (mmhos)
Figure 8. Polar Form
0
2.0
4.0
6.0
8.0
10
–2.0
–1.2
–0.4
0.4
0
– 5.0
1.2
2.0
10
4.0
2.0
0
–1.8
–0.8
0
0.8
1.6
8.0
6.0
– 4.0
– 3.0
– 2.0
– 1.0
100
4.0
3.0
1.0
0
200
300
400
500
700
1000
5.0
100
200
300
400
500
700
1000
0
3.0
2.0
1.0
4.0
7.0
6.0
5.0
10
9.0
8.0
2.0
bob
gob
–brb
–brb
–grb
MPS H11
MPS H10
100
200
400
700
1000 MHz
100
200
400
700
1000 MHz
yob, OUTPUT ADMITTANCE
COMMON–BASE y PARAMETERS versus FREQUENCY
(VCB = 10 Vdc, IC = 4.0 mAdc, TA = 25°C)
yrb, REVERSE TRANSFER ADMITTANCE


Similar Part No. - MMBTH10LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
logo
Leshan Radio Company
MMBTH10LT1 LRC-MMBTH10LT1 Datasheet
138Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
   VHF/UHF Transistors
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
More results

Similar Description - MMBTH10LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com