Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG1083.103NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG1083.103NL
Description  Inductance Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG1083.103NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG1083.103NL Datasheet HTML 1Page - Pulse A Technitrol Company PG1083.103NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P716.A (3/13)
1
pulseelectronics.com
SMT Power Inductors
Round wire Coils– PG1083NL series
BOTTOM VIEW B
a
b
SUGGESTED LAND PATTERN
BOTTOM VIEW A
TOP VIEW
1
2
3
1
2
3
SIZE X
(.094[2.40])
(.098[2.50])
(.571[14.50])
.091[2.30]MIN
SIZE X
HEIGHT MAX.
.157[4.00]
.197[5.00]
.157[4.00]
.157[4.0]
.689[17.50]
.571[14.50]
(.094[2.40])
(.098[2.50])
(.571[14.50])
.091[2.30]MIN
d.006[.15]
.854MAX
[21.70]
.846MAX
[21.50]
DATE CODE CTRY MFG
PG1083.XXXNL
Inductance Range: 1.0uH to 50.0uH
Current Rating: up to 70Apk
Footprint: 21.7mm x 21.5mm Max
Height: 12.5mm Max
No Thermal Aging
RoHS Compliant
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 1
Part Number
Inductance 2
@ Irated
(
µH Typical)
Irated 3
(A)
Controlled Electrical Specs.
Saturation 5
Current Isat
(A TYP)
Heating Current 6
Idc
(A TYP)
Core Loss Factor 7
(K2)
Size X
(REF.)
Height
(MAX.)
DCR 4
(m
Ω)
MAX
Inductance
@ 0Adc
(
µH ± 20%)
25°C
100°C
PG1083.102NL
0.95
40
1.4
1.00
70
65
40
17.9
0.098
[2.50]
BOTTOM
VIEW A
0.417
[10.6]
PG1083.152NL
1.35
40
1.4
1.50
52
45
40
26.8
PG1083.222NL
1.95
34
1.8
2.20
46
37
34
29.5
PG1083.332NL
2.70
28
2.2
3.30
37
33
28
35.4
PG1083.472NL
4.10
26
2.8
4.70
30
24
26
50.4
PG1083.682NL
6.10
22
3.8
6.80
26
20
22
52.1
0.492
[12.50]
PG1083.103NL
8.60
17.5
6.0
10.5
22.5
18
17.5
62.6
PG1083.153NL
12.6
14
9.2
15.2
18.5
14
14.0
74.1
PG1083.253NL
21.0
11
15.0
24.5
14.5
12
11.0
93.9
0.054
[1.40]
BOTTOM
VIEW B
PG1083.323NL
27.9
9
21.5
32.0
12.5
10
9.0
107.3
PG1083.503NL
45.2
7.4
32.6
50.0
10.0
8.5
7.4
134.1
Notes:
1. Actual temperature of the component during system operation (ambient plus temperature rise) must be within the
standard operating range.
2. Inductance at Irated is a typical inductance value for the component taken at rated current.
3. The rated current as listed is either the saturation current (@ 25°C) or the heating current depending on which value
is lower.
4. The DCR of the part is measured at an ambient temperature of 20°C±3°C from point a to b as shown below on the
mechanical drawing.
5. The saturation current, Isat, is the current at which the component inductance drop by 20% (typical) at an ambient
temperature. This current is determined by placing the component in the specified ambient environment and applying
a short duration pulse current (to eliminate self-heating effect) to the component.
6. The heating current, Idc, is the DC current required to raise the component temperature by approximately 40°C. The
heating current is determined by mounting the component on a typical PCB and applying current for 30 minutes. The
temperature is measured by placing the thermocouple on top of the unit under test. Take note that the components’
performance varies depending on the system condition. It is suggested that the component be tested at the system
level, to verify the temperature rise of the component during system operation.
the components’ performance varies depending on the system condition. It is suggested that the
component be tested at the system level, to verify the temperature rise of the component during
system operation.
7. Core loss approximation is based on published core data (at 100°C):
Core Loss = K1 * (f) 1.378 * (K2*
ΔI) 2.864 in mW
K1 = 1.01E-9
f = switching frequency in KHz
K1 & K2 = core loss factors
ΔI= delta I across the component in Ampere
K2*
ΔI=one half of the peak to peak flux density across the component in Gauss
8. Unless otherwise specified, all testing is made at 100kHz, 0.1Vac
9. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number (i.e.
PG1083.682NL becomes PG1083.682NLT). Pulse complies with industry standard tape and reel
specification EIA481. The tape and reel for this product has a width (W=44.0mm), pitch (Po=32.0mm).
The depth (Ko) has two types: 1) 10.6 mm for parts with height of 10.6mm max, 120 pieces/reel; 2)
12.9mm for the parts of 12.5mm max, 100 pieces/reel.
Mechanicals
PG1083.XXXNL
Schematic
Weight..........................18.6 grams
Tape and Reel....................100/tray
Inches
mm
Dimensions:
0.01
0,25
Unless otherwise specified, all tolerences are
±
3
2
1


Similar Part No. - PG1083.103NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG1083.103NL PULSE-PG1083.103NL Datasheet
856Kb / 2P
   Round wire Coils
PG1083.103NL PULSE-PG1083.103NL Datasheet
455Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG1083.103NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0023HV-CMC160 XFMRS-XF0023HV-CMC160 Datasheet
2Mb / 4P
   Inductance Range
XF0013HV-HPCMC XFMRS-XF0013HV-HPCMC Datasheet
970Kb / 2P
   Inductance Range
XF0013HV-VPCMC XFMRS-XF0013HV-VPCMC Datasheet
1Mb / 2P
   Inductance Range
logo
ECM Electronics Limited...
LNQ ECM-LNQ Datasheet
139Kb / 4P
   Wide Inductance Range
logo
XFMRS Inc.
XF0043HV-CMC254 XFMRS-XF0043HV-CMC254 Datasheet
2Mb / 4P
   Inductance Range 4.0mH to 44.1mH
XF0056-HPCMC5 XFMRS-XF0056-HPCMC5 Datasheet
491Kb / 5P
   Inductance Range 0.005mH to 4.70mH
XF1006HV-CMC120 XFMRS-XF1006HV-CMC120 Datasheet
2Mb / 4P
   Inductance Range: 100uH to 2.5mH
XF1006HV-CMC100 XFMRS-XF1006HV-CMC100 Datasheet
395Kb / 5P
   Inductance Range 100uH to 2.5mH
logo
Bourns Electronic Solut...
SRF0905-202Y BOURNS-SRF0905-202Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRN1060-221M BOURNS-SRN1060-221M Datasheet
329Kb / 2P
   Inductance range: 10 to 470 關H
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com