Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-6620-8M01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-6620-8M01
Description  Compact Intel짰 Core??i7/ i5/ i3 Mini-ITX System with Front Accessible I/O
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6620-8M01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-6620-8M01 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6620-8M01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
Features
ARK-6620-8M01
ƒ Intel® QM77 platform
- Supports Intel® Core™ i7/ i5/ i3 mobile processor (PGA)
- Support dual display of 2 DP, HDMI
ƒ Expandability
- Supports one PCIe x16 (Gen3) and mini PCIe
ƒ Compact & Innocative new design
- Front accessible I/O and supports additional interface with extra cutouts
- Ruggedized handle for easy maintenance and enhanced mobility
- Shock-resistent 3.5 drive by
- Easy-to-maintain system fan and reusable filter design
- Power cord hook to keep PSU power cord in place
Specifications
Form Factor
Wallmount
Computing System
Chipset
Intel QM77
CPU
Core i7-2710QE
2.1 GHz
Core i5-2510E
2.5 GHz
Core i3-2330E
2.2 GHz
CeleronB810
1.6 GHz
L3 Cache
6 MB
3 MB
3 MB
2 MB
Core Number
4
2
2
2
Memory
Dual channel DDR3 1333/1600 SDRAM up to 8 GB
Graphics
Embedded
Integrated Gfx Gen7, suports Direct X11, OpenGL 3.1 and Open CL 1.1
VRAM
Shared system memory, 2 GB and above, total system memory shared 1 GB maximum video memory
Expansion Slot
PCIe x16
-
PCIe x1
-
PCI
-
Drive Bay
5.25" (Front-Accessible)
-
3.5" (Front-Accessible)
-
3.5" (Internal)
1
Ethernet
Interface
10/100/1000 Base-T
Controller
LAN1: Intel 82579LM, LAN1: Intel 82583V
Front I/O Ports
USB
4
PS/2
2
COM
1 + 2 (available thru extra cutouts)
VGA
1 VGA + 1 HDMI + 2 DP
Parallel
-
RJ-45
1
Audio
3 (Mic-in, Line-In, Line-Out)
Power Supply
Power Output Wattage
180 W
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
2 (6cm/ 27.7 CFM)
Air Filter
Yes
Miscellaneous
Overheating Protection
System shut-down when over-heated
LED Indicators
Power, HDD, temperature
Control
Power on/off switch
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 104° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Physical Characteristics
Dimension (W x H x D)
272 x 88 x 232 mm (10.7" x 3.5" x 9.1")
Weight
5.76 g (15.47 Ib)
Compact Intel® Core™ i7/ i5/ i3
Mini-ITX System with Front
Accessible I/O
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - ARK-6620-8M01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6620-00XBE ADVANTECH-ARK-6620-00XBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620-00XBE ADVANTECH-ARK-6620-00XBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620-00XBE ADVANTECH-ARK-6620-00XBE Datasheet
797Kb / 2P
   Compact Chassis for Mini-ITX Motherboard
ARK-6620-18ZBE ADVANTECH-ARK-6620-18ZBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620-18ZBE ADVANTECH-ARK-6620-18ZBE Datasheet
2Mb / 2P
   Compact Embedded Chassis for Mini-ITX Motherboard
More results

Similar Description - ARK-6620-8M01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6622-6M01 ADVANTECH-ARK-6622-6M01 Datasheet
1Mb / 2P
   Compact Intel짰 Core??i7/i5/ Celeron짰 Mini-ITX System with Front Accessible I/O
ARK-6620-6M02E ADVANTECH-ARK-6620-6M02E Datasheet
628Kb / 2P
   Compact Intel짰 Core??2 Duo Mini-ITX System with Front Accessible I/O
AIMB-276 ADVANTECH-AIMB-276 Datasheet
810Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX
3-Jun-2020
ARK-6620-6M01S ADVANTECH-ARK-6620-6M01S Datasheet
821Kb / 2P
   Compact Intel짰 Core??2 Duo Mini-ITX System with Front Accessible I/ORoHSCOMPLIANT2002/95/EC
SYS-4W5120-4U01 ADVANTECH-SYS-4W5120-4U01 Datasheet
513Kb / 2P
   Compact Intel짰 Core??2 Duo MicroATX System with Front-Accessible I/O
logo
AAEON Technology
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q572 AAEON-AIS-Q572 Datasheet
266Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
logo
Advantech Co., Ltd.
SYS-4W5120-4U01E ADVANTECH-SYS-4W5120-4U01E Datasheet
490Kb / 2P
   Intel짰 Core??2 Duo MicroATX System with Front-Accessible I/O
ARK-6610-4M01E ADVANTECH-ARK-6610-4M01E Datasheet
534Kb / 2P
   Intel짰 Core??2 Duo Mini-ITX System with Front I/O & PCI Slot
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com