Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-7480 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-7480
Description  All-In-One, High Performance Embedded Box computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-7480 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-7480 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-7480 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/CTOS
CTOS Portal
Dimensions
Unit: mm
ARK-7480
Slim DVD-ROM&CD-R/RW
combo drive
Card Reader
KEYBOARD
USB5
COM2
DVI
LVDS
USB6
COM6
COM5
COM4
COM3
HDD_LED
PWR_LED
ATX Power ON/
OFF Button
AC IN
VGA
PRINTER
USB2
USB1
USB3
USB4
COM1
PSU ON/OFF
Rocker Switch
MOUSE
LAN1
LAN2
MIC_IN
LINE_OUT
SLOT Window
Front Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O
1 x PS/2 Mouse connector
1 x PS/2 Keyboard connector
5 x RS-232 serial port as COM1, COM3, COM4, COM5 and COM6 connector
1 x RS-232/422/485 serial port connectors as COM2 connector
6 x USB 2.0 connectors as USB1~USB6
2 x RJ-45 Connectors as LAN1 and LAN2
1 x Printer port connector
1 x VGA/CRT port Connector
1 x DVI port connector
1 x LVDS port connector
1 x Line-out connector
1 x Line-In connector
Internal AC-to-DC ATX
Power Supply Unit
Output Rating
AC 250 W, ATX
Input Voltage
110 VAC ~ 240 VAC
Power Switch
One on/off rocker switch and one ATX on/off button
Mechanical
Construction
Aluminum-Metal housing
Mounting
Supports table and wall-mounting
Dimensions
For model ARK-7480-100A1: 295 x 150 x 260 mm
For model ARK-7480-200A1: 295 x 180 x 260 mm
Weight
9.8 kg (20.1 Ib)
Environment
Operation Temperature
0 ~ 45° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading
During Operation
1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz
10 Oct./min., 1hr/axis.
Shock During Operation
10 G, IEC 60068-2-27, half sine, 11ms duration
Safety
UL, CB
EMC
CE/FCC
Specifications Cont.
Packing List
Description
Part Number
1 x ARK-7480 Unit x Table Mounting Kit
(P/N: 1960003950 x 2 pieces)
1 x Wall Mounting Kit
(P/N: 1960003949 x 2 pieces)
1 x Utility CD
1 x Table Mounting Kit
(P/N: 1960003950 x 2 pieces)
1 x IDE HDD Cable, 40/40/40, 60cm
(P/N: 1700001757)
Ordering Information
Part Number
Description
ARK-7480-100A1E
Socket 478, Pentium 4 based Embedded Box Computer,
with LVDS, DVI, 6 x USB 2.0, 1 x RS-232, 5 x RS-232/
422/485, dual Fast Ethernet, audio and 3 PCI slots
ARK-7480-200A1E
Socket 478, Pentium4 based Embedded Box Computer,
ARK-7480-100A1 with extended drive bay
Optional Items
Part Number
Description
2070000635
XPE SP2 OS image and license for ARK-7480, English
version (440 MB)


Similar Part No. - ARK-7480

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-10 ADVANTECH-ARK-10 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-10-U0A1E ADVANTECH-ARK-10-U0A1E Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-10-U0A4 ADVANTECH-ARK-10-U0A4 Datasheet
1Mb / 2P
   Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-11 ADVANTECH-ARK-11 Datasheet
1Mb / 2P
   Intel Celeron N3350 DC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
22-Jan-2021
More results

Similar Description - ARK-7480

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
BX-M1000 CONTEC-BX-M1000 Datasheet
878Kb / 4P
   BOX-PC Embedded computer
logo
Advantech Co., Ltd.
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
   15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
   15.6" ARM Based Android All-in-One Computer
6-Jul-2023
logo
Protech Systems Co., Lt...
PA-3170 PROTECHSYSTEMS-PA-3170 Datasheet
580Kb / 2P
   The High Performance All-in-One POS Terminal
PA-3570 PROTECHSYSTEMS-PA-3570 Datasheet
707Kb / 2P
   The High Performance All-in-One POS Terminal
POS-6630 PROTECHSYSTEMS-POS-6630 Datasheet
1Mb / 2P
   The High performance All-in-One POS Terminal
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
ARK-1120LX ADVANTECH-ARK-1120LX_15 Datasheet
748Kb / 2P
   Palm-size and All in One System Intel짰 Atom??N455 Fanless Embedded Box PC
logo
NXP Semiconductors
CBTL12131 NXP-CBTL12131 Datasheet
206Kb / 29P
   DisplayPort multiplexer for bidirectional video in all-in-one computer systems
Rev. 1-25 February 2011
logo
Advantech Co., Ltd.
ARK-9880 ADVANTECH-ARK-9880 Datasheet
316Kb / 2P
   Full Length, PC Board Expandable, Embedded Box Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com