Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU404 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MAU404
Description  DC/DC CONVERTER 1W Small SIP Package I/O-isolation 3000VA Crms
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU404 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MAU404 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU404 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU404 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU404 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAU400 SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/24 REV:10 Page 1 of 4
FEATURES
Small SIP Package
Reinforced Insulation rated for 300VAC Working Voltage
I/O–isolation 3000VACrms
Industrial & Medical Safety Approval
Operating Temp. Range -25°C to +85°C
Low Coupling Capacity
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MAU400 series is a range of 1W DC/DC converter modules providing a high I/O-isolation voltage of 3000VAC in a small SIP-package. There
are 12 models available for 5VDC or 12VDC input voltage and single- or dual-output voltage.
This product offers an economical solution for many applications in industrial controls and Instrumentation, consumer electronics and everywhere where a
certified supplementary or reinforced insulation system is required to comply with relative safety standards.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MAU401
5
200
4
303
10
66
MAU402
12
80
2
291
8
66
MAU403
15
65
1
295
8
680
66
MAU404
±5
±100
±2
303
10
66
MAU405
±12
±40
±1
267
8
72
MAU406
5
(4.5 ~ 5.5)
±15
±35
±1
287
55
8
220#
73
MAU411
5
200
4
126
10
66
MAU412
12
80
2
121
8
66
MAU413
15
65
1
123
8
680
66
MAU414
±5
±100
±2
126
10
66
MAU415
±12
±40
±1
108
8
74
MAU416
12
(10.8 ~ 13.2)
±15
±35
±1
117
30
8
220#
75
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
Input Voltage Range
12V Input Models
10.8
12
13.2
5V Input Models
-0.7
---
9
Input Surge Voltage (1 sec. max.)
12V Input Models
-0.7
---
29
VDC
Reverse Polarity Input Current
---
---
0.3
A
Internal Filter Type
LC Filter
Internal Power Dissipation
All Models
---
---
650
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output VoltageAccuracy
---
±1.0
±3.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise
max. 20MHz Bandwidth
---
100
150
mV P-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max.


Similar Part No. - MAU404

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU404 TOTAL-POWER-MAU404 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
More results

Similar Description - MAU404

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com