Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZF-60S15 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # AZF-60S15
Description  AC/DC Power Module 60W Fully encapsulated Plastic Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S15 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  AZF-60S15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S15 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZF-60 SERIES
AC/DC POWER MODULE 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/25 REV:11 Page 2 of 4
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output VoltageAccuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±1.0
%
Load Regulation
Iout=Min. to Max.
---
±0.5
±1.0
%
5.1VDC Output Models
---
2.0
3.0
%VPP of Vo
Ripple & Noise (20MHz)
Other Output Models
---
1.0
1.3
%VPP of Vo
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Transient Response Deviation
(Iout=100% to Iout=50%)
±3
±6
%
Temperature Coefficient
---
±0.02
---
%/℃
Overshoot
---
---
5
% Vout
Foldback, auto-recovery
Current Limitation
(long term overload condition may cause damage)
105
---
---
%Inom.
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VACrms
I/O Isolation Resistance
500 VDC
100
---
---
M
Switching Frequency
---
100
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
125,000
---
---
Hours
EMC Emission
Conducted and radiated
EN 55011 class B, EN 55022 class B, FCC part 15 class B
Standard
Specification Requirement
Performance Criteria
EN61000-4-2
Air ±8KV Cont. ±4KV
B
EN61000-4-3
80~1000MHz, 10V/m 80%AM, 1KHz modulation
A
EN61000-4-4
AC port ±2KV DC, SL, TL ±2KV not less than 1 min.
B
EN61000-4-5
1.2/50µS(8/20µS)AC dif. ±1KV DC ±0.5KV
B
0.15~80MHz, 10Vrms (functional earth ports included)
EN61000-4-6
80%AM, 1KHz modulation
B
EN61000-4-8
50Hz/60Hz, 30A/m
A
30%, 10ms
B
EMC Immunity according
EN61000-6-1
EN61000-4-11
60%, 100ms, 95%, 5000ms
C
Protection Class II
According IEC/EN 60536
cUL/UL 60950-1,IEC/EN 60950-1
SafetyApprovals
(UL508 for models with order code suffix ICE only)
Input Fuse
All Models
Built-in Fuse
6A/ 250VAC
External Fuse (Recommended)
3ASlow – Blow Type
Environmental Specifications
Parameter
Conditions
Temperature Range (operational)
Ambient
-10℃
+70℃
Power Derating
+50℃ to +70℃
2.25W / ℃
Power Derating (5.1Vout)
+40℃ to +70℃
2.25W / ℃
Storage Temperature Range
-40℃
+85℃
Over Temperature Protection
at 90℃ (automatic recovery at 67℃)
Cooling
Free-Air convection
Humidity (non condensing)
---
95 % rel. H
Notes
1 All specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2 Ripple & Noise measurement bandwidth is 0~20 MHz
3 These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
4 Other input and output voltage may be available, please contact factory.
5 Long term short circuit operation may cause damage to the unit.
6 Specifications are subject to change without notice


Similar Part No. - AZF-60S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60S15 MINMAX-AZF-60S15 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S15 MINMAX-AZF-60S15 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S15 MINMAX-AZF-60S15 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
More results

Similar Description - AZF-60S15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AQF-30 MINMAX-AQF-30_12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
AHF-10 MINMAX-AHF-10_11 Datasheet
251Kb / 3P
   AC/DC Power Module 10W Fully encapsulated Plastic Case
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com