Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04025U270JAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 04025U270JAT2A
Description  Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04025U270JAT2A Datasheet(HTML) 1 Page - AVX Corporation

  04025U270JAT2A Datasheet HTML 1Page - AVX Corporation 04025U270JAT2A Datasheet HTML 2Page - AVX Corporation 04025U270JAT2A Datasheet HTML 3Page - AVX Corporation 04025U270JAT2A Datasheet HTML 4Page - AVX Corporation 04025U270JAT2A Datasheet HTML 5Page - AVX Corporation 04025U270JAT2A Datasheet HTML 6Page - AVX Corporation 04025U270JAT2A Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
8
A
B
D
D
E
C
A
B
C
A
B
D
D
E
C
A
B
D
D
E
C
GENERAL INFORMATION
“U” Series capacitors are C0G (NP0) chip capacitors spe-
cially designed for “Ultra” low ESR for applications in the
communications market. Max ESR and effective capacitance
are met on each value producing lot to lot uniformity.
Sizes available are EIA chip sizes 0402, 0603, 0805, and
1210.
Size
A
B
C
D
E
0402
0.039±0.004 (1.00±0.1)
0.020±0.004 (0.50±0.1)
0.024 (0.6) max
N/A
N/A
0603
0.060±0.010 (1.52±0.25)
0.030±0.010 (0.76±0.25)
0.036 (0.91) max
0.010±0.005 (0.25±0.13)
0.030 (0.76) min
0805
0.079±0.008 (2.01±0.2)
0.049±0.008 (1.25±0.2)
0.040±0.005 (1.02±0.127)
0.020±0.010 (0.51±0.255)
0.020 (0.51) min
1210
0.126±0.008 (3.2±0.2)
0.098±0.008 (2.49±0.2)
0.050±0.005 (1.27±0.127)
0.025±0.015 (0.635±0.381)
0.040 (1.02) min
ELECTRICAL CHARACTERISTICS
Capacitance Values and Tolerances:
Size 0402 - 0.2 pF to 22 pF @ 1 MHz
Size 0603 - 1.0 pF to 100 pF @ 1 MHz
Size 0805 - 1.6 pF to 160 pF @ 1 MHz
Size 1210 - 2.4 pF to 1000 pF @ 1 MHz
Temperature Coefficient of Capacitance (TC):
0±30 ppm/°C (-55° to +125°C)
Insulation Resistance (IR):
1012 Ω min. @ 25°C and rated WVDC
1011 Ω min. @ 125°C and rated WVDC
Working Voltage (WVDC):
Size
Working Voltage
0402 -
50, 25 WVDC
0603 -
200, 100, 50 WVDC
0805 -
200, 100 WVDC
1210 -
200, 100 WVDC
Dielectric Working Voltage (DWV):
250% of rated WVDC
Equivalent Series Resistance Typical (ESR):
0402 -
See Performance Curve, page 9
0603 -
See Performance Curve, page 9
0805 -
See Performance Curve, page 9
1210 -
See Performance Curve, page 9
Marking: Laser marking EIA J marking standard
(except 0603) (capacitance code and
tolerance upon request).
MILITARY SPECIFICATIONS
Meets or exceeds the requirements of MIL-C-55681
0805
Case Size
0402
0603
0805
1210
1
Voltage Code
3 = 25V
5 = 50V
1 = 100V
2 = 200V
U
Dielectric =
Ultra Low ESR
100
Capacitance
J
Capacitance
Tolerance Code
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
A
Failure Rate
Code
A = Not Applicable
T
Termination
T= Plated Ni and
Sn
2
Packaging
Code
A
Special Code
A = Standard
HOW TO ORDER
EIA Capacitance Code in pF.
First two digits = significant figures or “R” for
decimal place.
Third digit = number of zeros or after “R” sig-
nificant figures.
2 = 7" Reel
4 = 13" Reel
9 = Bulk
DIMENSIONS: inches (millimeters)
0402
0603
0805
1210
inches (mm)
NOTE: Contact factory for availability of Termination and Toler-
ance Options for Specific Part Numbers.
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - 04025U270JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
04025U220FAT2A AVX-04025U220FAT2A Datasheet
161Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U220JAT2A AVX-04025U220JAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U240FAT2A AVX-04025U240FAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 04025U270JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025U130FAT2A AVX-04025U130FAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U5R1BAT2A AVX-04025U5R1BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U100JAT2A AVX-04025U100JAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U180FAT2A AVX-04025U180FAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U4R3BAT2A AVX-04025U4R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U100GAT2A AVX-04025U100GAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R3BAT2A AVX-04023U3R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R9BAT2A AVX-04023U3R9BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U5R6BAT2A AVX-04023U5R6BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R2BAT2A AVX-04025U1R2BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com