Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91003 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91003
Description  50 Ohm SMA Male to 75 Ohm F Female Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91003 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91003 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE91003 REV
50 Ohm SMA Male to 75 Ohm F Female Adapter
PE91003
CAD Drawing


Similar Part No. - PE91003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
   TNC Male to TNC Female Right Angle Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
   ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
   50 Ohm SMA Female to 75 Ohm F Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
   BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
   SMA Female to UMCX Plug Adapter
More results

Similar Description - PE91003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91045 PASTERNACK-PE91045 Datasheet
439Kb / 3P
   50 Ohm SMA Female to 75 Ohm F Male Adapter
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
   50 Ohm SMA Female to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
   50 Ohm N Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
   50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
   50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
   50 Ohm N Female to 75 Ohm F Male Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
   ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE70MP1006 PASTERNACK-PE70MP1006 Datasheet
384Kb / 4P
   50 Ohm SMA Male To 75 Ohm F Female Matching Pad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com