Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447721047 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447721047
Description  WE-TI Radial Leaded Wire Wound Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447721047 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447721047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447721047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447721047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447721047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447721047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447721047 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.0
4.0
REV
2012-08-27
2010-02-04
DATE
SSt
CZ
BY
CZ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TI Radial Leaded Wire Wound Inductor
Order.- No.
7447721047
SIZE
A4
Size: 8075
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Washing varnish agent that is used during the production to clean the application might damage or change the characteristics of the wire in-
sulation, the marking or the plating. The washing varnish agent could have a negative effect on the long turn function of the product.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical wave soldering specification, otherwise no warranty will be sustai-
ned.
•All products are supposed to be used before the end of the period of 12 months based on the product date-code, if not a 100% solderabi-
lity can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
•Strong force and high accelerations of the component size 1014 might have the effect of damage the electrical connection or to harm the
circuit board due to the heavy weight of the component. These damages will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TIS
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7447721047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447721047 WURTH-7447721047_16 Datasheet
1Mb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results

Similar Description - 7447721047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447480101 WURTH-7447480101 Datasheet
982Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447480681 WURTH-7447480681 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732015 WURTH-744732015 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744732331 WURTH-744732331 Datasheet
997Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744741471 WURTH-744741471 Datasheet
985Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744743471 WURTH-744743471 Datasheet
992Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462470 WURTH-7447462470 Datasheet
588Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447462681 WURTH-7447462681 Datasheet
575Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447452102 WURTH-7447452102 Datasheet
980Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
7447720122 WURTH-7447720122 Datasheet
988Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
744772103 WURTH-744772103 Datasheet
978Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com