Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAU429 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSAU429
Description  DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU429 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSAU429 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU429 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU429 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU429 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSAU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:7
Page 3 of 4
Package Specifications
Mechanical Dimensions (Single Ouput)
Connecting Pin Patterns
Package Specifications
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size (Single Output)
:
12.7x9.3x8.65mm (0.50x0.37x0.34 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
15.3x9.3x8.65mm (0.60x0.37x0.34 Inches)
2
+Vin
+Vin
4
-Vout
Common
Case Material
:
Molding (flammability to UL 94V-0 rated)
5
+Vout
-Vout
7
No Pin
+Vout
Weight (Single Output)
:
1.5g
8
NA
No Pin
Weight (Dual Output)
:
2.2g
10
No Pin
NA
NA : Not Available for Electrical Connection
12.7 [0.5]
2.57
[0.1]
2.54
[0.1]
5.08
[0.2]
1
2
4
8
5
0.60 [0.02]
8.6 [0.34]
10.0 [0.39]
( Magnification of A )
S SEATING PLANE
0.15 S
A
15.3 [0.6]
2.54
[0.1]
5.08
[0.2]
1
2
4
10
7
0.60 [0.02]
2.54
[0.1]
5
2.54
[0.1]
( Magnification of A )
8.6 [0.34]
10.0 [0.39]
S SEATING PLANE
0.15 S
A
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
1.0 [0.04]
2.54 [0.10]
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
2.54 [0.10]
1.0 [0.04]


Similar Part No. - MSAU429

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU429 MINMAX-MSAU429 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU429 MINMAX-MSAU429 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Total Power Internation...
MSAU429 TOTAL-POWER-MSAU429 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU429

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
   DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com