Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE51009 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51009
Description  Mobile Antenna, 825 - 896 MHz, 5 dB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51009 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51009 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Sales: sales@pasternack.com
Tech Support: techsupport@pasternack.com
PE51009
Mobile Antenna,
825 - 896 MHz, 5 dB
(1)
Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 1
Product Features
Factory Tuned to 835 MHz
High gain
No tuning required
NMO Mount base
Description
The PE51009 antenna is ready to install and offers excellent
bandwidth from 825 to 896 MHz. The collinear design features a ½
wave over ¼ wave element that offers trouble-free performance.
The antenna mates with the popular NMO mount design. See the
Pasternack catalog or website for the widest selection of NMO
cable configurations.
Electrical Specifications (1)
Parameter
Units
Value
Impedance
Ohms
50
Frequency
MHz
825 - 896
VSWR at Resonant Frequency
< 1.5:1
Gain, ground plane
dB
5
Power Rating
Watts
150
Mechanical Specifications (1)
Parameter
Value
Antenna Height
Approximately 23”
Whip Diameter
0.10”
Weight
0.4 lbs.
Whip Material
Stainless Steal
Base Coil Housing
Molded polymer with a plated brass insert ring
and a spring-loaded brass contact pin.
Mating Mount
NMO
Ordering Information
Par Number
Description
PE51009
Mobile Antenna, ½ over ¼ wave, tuned to 835 MHz


Similar Part No. - PE51009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
   Mobile Antenna, 40 . 47 MHz, 0 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
   Mobile Antenna, 118 . 940 MHz, 0 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
   Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
   Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
PE51004 PASTERNACK-PE51004 Datasheet
45Kb / 1P
   Mobile Antenna, 132 . 174 MHz, 2.4 dB
More results

Similar Description - PE51009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51008 PASTERNACK-PE51008 Datasheet
46Kb / 1P
   Mobile Antenna, 806 - 896 MHz, 3 dB
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
   Mobile Antenna, 870 - 950 MHz, 5 dB
PE51001 PASTERNACK-PE51001 Datasheet
187Kb / 1P
   Mobile Antenna, 118 . 940 MHz, 0 dB
PE51000 PASTERNACK-PE51000 Datasheet
44Kb / 1P
   Mobile Antenna, 40 . 47 MHz, 0 dB
PE51004 PASTERNACK-PE51004 Datasheet
45Kb / 1P
   Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51002 PASTERNACK-PE51002 Datasheet
45Kb / 1P
   Wideband Mobile Antenna, 132 . 174 MHz, 2.4 dB
PE51005 PASTERNACK-PE51005 Datasheet
116Kb / 1P
   Wideband Mobile Antenna, 380 - 520 MHz, 2 dB
PE51007 PASTERNACK-PE51007 Datasheet
44Kb / 1P
   Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB
PE51013 PASTERNACK-PE51013 Datasheet
41Kb / 1P
   Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
PE51003 PASTERNACK-PE51003 Datasheet
44Kb / 1P
   Wideband Mobile Antenna, 132 . 512 MHz, 0 dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com