Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF-04S12 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # ABF-04S12
Description  AC/DC Power Module 4W Ultra-compact Dimensions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABF-04S12 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  ABF-04S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABF-04S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABF-04S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABF-04 SERIES
AC/DC Power Module 4W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/06/01 REV:8
Page 1 of 3
FEATURES
Ultra-compact Dimensions:
36.5x27x17.1 mm (1.44x1.06x0.67”)
Fully encapsulated Module with
Solder Pins for PCB Mounting
Universal Input 85-264 VAC, 47-440 Hz
Eco Design, compliant to Energy Star specification and ErP
Directive 2009/125/EC
Single- and Dual Output Models
Protection Class ll
Safety Approval to cUL/UL/IEC/EN 60950-1
Over Load and Over Voltage Protection
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX ABF-04 series is a new range of fully encapsulated AC/DC power supply modules. They are designed for direct PCB mounting with solder
pins. The product features EMI-filter to EN55022, class B and EMS compliance to the EN 61000-4 standard.
Universal input voltage 85-264VAC and International safety approvals qualifies these power modules for applications in products with worldwide markets.
The ABF-04 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Output
Voltage
Max.
@Max. Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
mA
mA(typ.)
μF
%
ABF-04S03
3.3
1200
82
1200
70
ABF-04S05
5
800
82
800
72
ABF-04S09
9
444
77
440
75
ABF-04S12
12
333
76
330
76
ABF-04S15
15
267
76
260
76
ABF-04S24
24
167
76
160
77
+5
600
5600
ABF-04D53
+3.3
150
72
4700
72
+12
250
330
ABF-04D125
+5
120
72
4700
75
ABF-04D12
±12
±166
76
# 330
77
ABF-04D15
±15
±133
76
# 260
77
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
All Models
---
---
0.3
W
115VAC
---
---
15
A
Inrush Current (Cold Start at 25
℃)
230VAC
---
---
25
A


Similar Part No. - ABF-04S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04S12 MINMAX-ABF-04S12 Datasheet
544Kb / 3P
   AC/DC Power Module 4W
More results

Similar Description - ABF-04S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AGF-10 MINMAX-AGF-10_11 Datasheet
248Kb / 3P
   AC/DC Power Module 10W Ultra-compact Dimensions
ADF-07 MINMAX-ADF-07_11 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ABF-04 MINMAX-ABF-04_16 Datasheet
544Kb / 3P
   AC/DC Power Module 4W
logo
MicroPower Direct, LLC
MPM-04V MPD-MPM-04V Datasheet
267Kb / 2P
   Compact, Board Mount 4W Ultra-Wide Input Range AC/DC Power Supplies
logo
Analog Technologies, In...
ATMV24VPN200V10MA2 ANALOGTECHNOLOGIES-ATMV24VPN200V10MA2 Datasheet
738Kb / 7P
   4W Isolated DC-DC Power Module
6/28/2022
logo
Delta Electronics, Inc.
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
logo
List of Unclassifed Man...
HLK-PM01 ETC2-HLK-PM01 Datasheet
433Kb / 3P
   Ultra-compact power module
HLK-PM03 ETC1-HLK-PM03 Datasheet
172Kb / 4P
   Ultra-compact module power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com