Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF-07S05 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # ADF-07S05
Description  AC/DC Power Module 7W Ultra -compact Dimensions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07S05 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  ADF-07S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADF-07 SERIES
AC/DC Power Module 7W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/10/04 REV:15
Page 1 of 3
FEATURES
Ultra-compact Dimensions:
50.8x25.4x19.5 mm(2.0x1.0x.0.8”)
Fully encapsulated Module with Solder Pins
for PCB Mounting
Universal Input 85-264 VAC, 47-440 Hz
Eco Design, compliant to Energy Star specification and ErP
Directive 2009/125/EC
Protection Class ll
Safety Approval to cUL/UL/IEC/EN 60950-1
Over Load and Over Voltage Protection
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX ADF-07 series is a new range of fully encapsulated AC/DC power supply modules. They are designed for direct PCB mounting with solder
pins. The product features EMI-filter to EN55022, class B and EMS compliance to the EN 61000-4 standard. Universal input voltage 85-264VAC and
International safety approvals qualifies these power modules for applications in products with worldwide markets.
The ADF-07 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Input Current
Output Current
115VAC, 60Hz
Efficiency
(typ.)
Output
Voltage
Max.
@Max. Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
mA
mA(typ.)
uF
%
ADF-07S03
3.3
1400
96
2200
70
ADF-07S05
5
1400
139
2200
73
ADF-07S12
12
583
130
1000
78
ADF-07S15
15
466
130
1000
78
ADF-07S24
24
291
130
680
78
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
All Models
---
---
0.3
W
115VAC
---
---
10
A
Inrush Current (Cold Start at 25
℃)
230VAC
---
---
20
A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.5
±1.0
%
Load Regulation
Iout=Min. to Max.
---
±0.5
±1.0
%
3.3 & 5.0VDC Output Models
---
1.5
1.8
%VPP of Vo
Ripple & Noise (20MHz)
Other Output Models
---
0.8
1.0
%VPP of Vo
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.01
±0.02
%/
Overshoot
---
---
5
% Vout
Foldback, auto-recovery
Current Limitation
(long term overload condition may cause damage)
105
---
---
%Inom.
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)


Similar Part No. - ADF-07S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ADF-07S05 MINMAX-ADF-07S05 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
ADF-07S05 MINMAX-ADF-07S05 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
More results

Similar Description - ADF-07S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AGF-10 MINMAX-AGF-10_11 Datasheet
248Kb / 3P
   AC/DC Power Module 10W Ultra-compact Dimensions
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
ADF-07 MINMAX-ADF-07_16 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
logo
Chinfa Electronics Ind....
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
   AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
   Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
List of Unclassifed Man...
HLK-PM01 ETC2-HLK-PM01 Datasheet
433Kb / 3P
   Ultra-compact power module
HLK-PM03 ETC1-HLK-PM03 Datasheet
172Kb / 4P
   Ultra-compact module power
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
   Compact AC-DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com