Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1100SF Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR1100SF
Description  SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR1100SF Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR1100SF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR1100SF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
0.01
0.001
0.01
0
1.0
100
10
0.1
1
0
10
20
30
40
50
50
10
0
20
0
40
60
80
100
1
10
100
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T =25 C
J
T =125 C
J
T =150 C
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T =T MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
T =125 C
J
T =25 C
J
T =75 C
J
10
1
10
0.1
0.1
0.1
0.01
1
1
10
10
100
100
100
400
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T =25 C
f=1.0MH
J
Z
Vsig=50mVp-p
SR120-SR140
SR150-SR1100
SR120SF-SR140SF
SR150SF-SR1100SF
SR120SF-SR140SF
SR150SF-SR1100SF
SR120SF THRU SR1100SF
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 1.0Ampere
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - SR1100SF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SR1100SF CHENDA-SR1100SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
Jinan Jingheng (Group) ...
SR1100SF JINANJINGHENG-SR1100SF Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1100SF

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR130SF GXELECTRONICS-SR130SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR140SF GXELECTRONICS-SR140SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR120SF GXELECTRONICS-SR120SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
Microdiode Electronics ...
SR120SF CHENDA-SR120SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
logo
Gaomi Xinghe Electronic...
SR150SF GXELECTRONICS-SR150SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR160SF GXELECTRONICS-SR160SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR180SF GXELECTRONICS-SR180SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
1N5818SF GXELECTRONICS-1N5818SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
1N5819SF GXELECTRONICS-1N5819SF Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
logo
List of Unclassifed Man...
D1N5817 ETC-D1N5817 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com