Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE51045 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51045
Description  Vertical Omni Antenna 5800 MHz, 21 dBi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51045 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51045 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51045
Vertical Omni
Antenna
5800 MHz, 21 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specification values are "typical"
www.pasternack.com
1 of 1
Product Features
WiMAX Freq Range
5800 MHz
100W power handling
High Gain, 21dBi Omni Radiation Pattern
Rugged Fiberglass Radome
Specifications (1)
Ordering Information
Parameter
Value
Units
Description
Minimum Frequency
5150
MHz
Maximum Frequency
5850
MHz
Impedance
50
Ohms
Gain
21
dBi
Max Gain
Horiz Beamwidth
14
Deg
Vert Beamwidth
14
Deg
Polarization
V/H
Vertica/Horizl Polarization
Max Input Pwr
100
W
Watts(Max)
Maximum VSWR
<1.5
ratio
Between Min and Max Freq
Length/Width
268
mm
10.5 sq inches
Width
25
mm
1 inch
Mast Diameter
30-50
mm
Mast Mounting Info
Connector Type
N(f)
N-Type Female
Maximum Wind Velocity
241
Km/Hr
Part Number
Description
PE51045
5800 MHz High 21 Gain WiMAX Antenna with N-female connector


Similar Part No. - PE51045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
   Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
   Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
   WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
   WiMAX Panel Antenna 5800 MHz, 23 dBi
More results

Similar Description - PE51045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
   Vertical Omni Antenna 5800 MHz, 8 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
   Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
   Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
   Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
   Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
   Vertical Omni Antenna 3500 MHz, 11 dBi
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
   Vertical Omni Antenna 5500 MHz, 12.0 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
   WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 12 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com