Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE51070 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51070
Description  Rubber Duck Antenna 5725-5850 MHz, 5dBi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51070 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51070 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51070
Rubber Duck
Antenna
5725-5850 MHz, 5dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
www.pasternack.com
1 of 1
Product Features
Terminal Antenna WiFi
5725-5850 MHz
High Gain, 5dBi Omni Radiation Pattern
Description
The PE51070 Terminal style Rubber Duck Antenna
provides excellent performance is multiple wireless
applications. Its small size and rugged construction is
perfect for both indoor and portable wireless systems.
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
5725
MHz
Maximum Frequency
5850
MHz
Impedance
50
Ohms
Gain
5
dBi
Maximum VSWR
<2.0
ratio
Between Min and Max Freq
Polarization
Vertical
RF Power
30
W
Maximum
Connector Type
RP TNC Male
Reverse Polarity TNC Male
Fixed Right Angle
Length
180
mm
7.09 Inches
Weight
.037
Kg
Rated Wind Velocity
241
Km/h
Ordering Information
Part Number
Description
PE51070
5725-5850 MHz Rubber Duck Terminal, Reverse Polarity TNC Male Fixed Right Angle


Similar Part No. - PE51070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51071 PASTERNACK-PE51071 Datasheet
215Kb / 1P
   Rubber Duck Antenna 2400- 2483 & 5150-5850 MHz, 7dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
   Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
   Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 2dBi
More results

Similar Description - PE51070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
   Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51071 PASTERNACK-PE51071 Datasheet
215Kb / 1P
   Rubber Duck Antenna 2400- 2483 & 5150-5850 MHz, 7dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
   Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
   Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
   Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
   Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
   Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com