Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7009-1 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7009-1
Description  1 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7009-1 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7009-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7009-1 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7009-1 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
BNC Male
Connector 2
BNC Female
Body Material and Plating
Brass, Nickel
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Attenuation Value, dB
1
Maximum Input Power, Watts
1
Maximum VSWR
1.2:1
Frequency 1
Range, MHz
DC to 1,000
Attenuation Accuracy, dB
± 0.5
Mechanical Specifications
Temperature
Operating Range, deg C
-30 to +70
Size
Length, in [mm]
1.8 [45.72]
Width, in [mm]
0.59 [14.99]
.
Connector 1
Type
BNC Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt
Up To 1 GHz PE7009-1
PE7009-1
PE7009-1 REV
1 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female
Brass Nickel Body Rated To 1 Watt Up To 1 GHz


Similar Part No. - PE7009-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7009-1 PASTERNACK-PE7009-1 Datasheet
278Kb / 5P
   1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
PE7009-10 PASTERNACK-PE7009-10 Datasheet
212Kb / 3P
   10 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-10 PASTERNACK-PE7009-10 Datasheet
278Kb / 5P
   10 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
PE7009-10 PASTERNACK-PE7009-10_16 Datasheet
278Kb / 5P
   10 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
PE7009-1 PASTERNACK-PE7009-1_16 Datasheet
278Kb / 5P
   1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
More results

Similar Description - PE7009-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7009-20 PASTERNACK-PE7009-20 Datasheet
212Kb / 3P
   20 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-6 PASTERNACK-PE7009-6 Datasheet
214Kb / 3P
   6 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-3 PASTERNACK-PE7009-3 Datasheet
213Kb / 3P
   3 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-10 PASTERNACK-PE7009-10 Datasheet
212Kb / 3P
   10 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-2 PASTERNACK-PE7009-2 Datasheet
212Kb / 3P
   2 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7009-30 PASTERNACK-PE7009-30 Datasheet
212Kb / 3P
   30 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7050-1 PASTERNACK-PE7050-1 Datasheet
212Kb / 3P
   1 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7029-1 PASTERNACK-PE7029-1 Datasheet
215Kb / 3P
   1 dB Fixed Attenuator, 75 N Male To 75 N Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
PE7050-1 PASTERNACK-PE7050-1_16 Datasheet
227Kb / 3P
   1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
PE7009-1 PASTERNACK-PE7009-1_16 Datasheet
278Kb / 5P
   1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com