Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7021-6 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7021-6
Description  6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7021-6 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7021-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7021-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7021-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
6 dB Fixed Attenuator, N Male To N Female Directional Aluminum
Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7021-6
CAD Drawing
PE7021-6 REV


Similar Part No. - PE7021-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7021-6 PASTERNACK-PE7021-6 Datasheet
261Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-6 PASTERNACK-PE7021-6_16 Datasheet
261Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7021-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7021-20 PASTERNACK-PE7021-20 Datasheet
252Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7021-40 PASTERNACK-PE7021-40 Datasheet
252Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7021-30 PASTERNACK-PE7021-30 Datasheet
252Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7021-10 PASTERNACK-PE7021-10 Datasheet
252Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7385-6 PASTERNACK-PE7385-6 Datasheet
267Kb / 5P
   6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to 100 Watts Up to 3 GHz
PE7421-6 PASTERNACK-PE7421-6 Datasheet
195Kb / 2P
   6 dB Fixed Attenuator, N Male To N Female Black Anodized Aluminum Heatsink Body Rated To 100 Watts Up To 4 GHz
PE7022-6 PASTERNACK-PE7022-6 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7056-6 PASTERNACK-PE7056-6 Datasheet
219Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7019-6 PASTERNACK-PE7019-6 Datasheet
224Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7031-6 PASTERNACK-PE7031-6 Datasheet
255Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com