Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNMP-1000-E1B1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SNMP-1000-E1B1E
Description  Intelligent SNMP/HTTP System Manager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SNMP-1000-E1B1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SNMP-1000-E1B1E Datasheet HTML 1Page - Advantech Co., Ltd. SNMP-1000-E1B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Firmware Specifications
System Status
Monitoring and
Management
Real-time health status monitoring: Provides real-time
status display in HTTP/Java graphical format
History log up to 600 records. Data can be downloaded
through network or sent by e-mail
Display alarm event records
Alarm Notification
E-mail: Can set up to 4 addresses to receive e-mails
SNMP trap: Notify up to 8 SNMP administrators
Pager notification: Dial out through external modem to
send messages to up to 8 pagers
Audible alarm sound
Supported Protocols
TCP, UDP, IP, ICMP, DHCP, BOOTP, ARP, SNMP, HTTP,
Telnet
Management Function
Web-based remote configure, control and monitor
Remote reset, power down and power up
Remote digital output signal control
Remote message display control
Firmware upgrade from serial port and Ethernet port
Modem dial in (console mode only)
Sensor Specifications
Voltage
Input
+5 VDC, -5 VDC, +5 VSB, +3.3 VDC, +12 VDC, -12 VDC
Temperature
Input
9 (one for on-board sensor, 8 for external
sensors)
Sensor
LM75
Interface
I2C
Range
-30 ~ 125° C (-22 ~ 257° F)
Fan Speed
Input
9 (7 for SNMP-1000-E2B1E)
Range
700 ~ 10000 rpm
Power
Input
4 (1 for SNMP-1000-E2B1E)
Range
High > 2.4 VDC, Low < 0.8 VDC
CPU Card
Health
Interface
I2C
Input
CPU Vcore, CPU fan, CPU temperature (up to 2
CPUs), +5 VDC, -5 VDC, VI/O, +12 VDC, -12 VDC
Compatibility
PCA-6186, 6187, 6008, 6010, 6011, 6012
PCE-5120, 5124, 5125, 5126
AIMB-742
Digital Input/
Output
Input
8 (SNMP-1000-E1B1E only)
Output
4 (3 for SNMP-1000-E2B1E)
System Specifications
Processor System
CPU
80188 compatible
Environment
Firmware
512 KB Embedded Flash ROM
Memory
512 KB SRAM
Ethernet
Interface
10/100 Mbps
Serial Port
Interface
RS-232
Baud Rate
9600 bps
Miscellaneous
Buzzer Support
Yes
Detect Time-out Signal of System
Yes
Watchdog Timer
Yes
Battery
Charge Time
3 hr
Battery Type
Li-ion
Capacity
1800 mAh (fully charged gives 45 ~ 50 minutes operation, depending on system configuration)
Battery Life
1 year @ 20° C, 80% capacity after 500 cycles of charge and discharge
Power Requirements
Typical
5 V @ 550 mA
Operating
Non-Operating
Temperature
0 ~ 60° C (-32 ~ 140° F)
-20 ~ 70° C (4 ~ 158° F)
Humidity
-
5 ~ 95% RH non-condensing
Physical Characteristics
Dimensions
Kernel module: 40.5 x 93 mm (1.59" x 3.66")
Carrier board: 55 x 115 mm (2.17" x 4.53")
PCI/ISA I/O extension module: 175 x 107 mm (6.89" x 4.21")
Ordering Information
Part Number
Description
SNMP-1000-E1B1E
SNMP/HTTP system manager development kit, including the kernel module mounted on a PCI/ISA carrier board, 3 sets of temperature sensors,
and cables
SNMP-1000-E2B1E
SNMP/HTTP system manager card for ACP series chassis, including the kernel module
* Compatible with Advantech chassis series: IPC-622, IPC-623, IPC-7143, IPC-7220 and all ACP series chassis
(except ACP-1010BP with limited condition)
SNMP-1000-B


Similar Part No. - SNMP-1000-E1B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SNMP-1000-E1B1E ADVANTECH-SNMP-1000-E1B1E Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
More results

Similar Description - SNMP-1000-E1B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-E1B2E ADVANTECH-SNMP-1000-E1B2E Datasheet
695Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Dallas Semiconductor
DS80CH11 DALLAS-DS80CH11 Datasheet
598Kb / 88P
   System Energy Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
   Solar Cell System Manager
logo
List of Unclassifed Man...
OZ992S ETC-OZ992S Datasheet
37Kb / 5P
   Intelligent Manager Smart ACPI GPIO/SCI
OZ998 ETC-OZ998 Datasheet
50Kb / 7P
   Intelligent Manager Smart Multi-DIMM Selector
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com