Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM-638000029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # TM-638000029
Description  Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

TM-638000029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  TM-638000029 Datasheet HTML 1Page - Molex Electronics Ltd. TM-638000029 Datasheet HTML 2Page - Molex Electronics Ltd. TM-638000029 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/08/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63819-4300
Status:
Active
Description:
Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T0102
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
883906387785
Physical
Net Weight
317.100/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638194300, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T0102Series
Use With
78172 Pico-EZmate™ Wire-to-Board
Housing
Application Tooling
| FAQ
Description
Product #
1.20mm Pitch Pico-
EZmate™ Wire-
to-Board Crimp
Terminal, Gold (Au)
Flash over Nickel
(Ni) Plated, Lead free
0781720410
1.20mm Pitch Pico-
EZmate™ Wire-
to-Board Crimp
Terminal, Gold (Au)
Flash over Nickel
(Ni) Plated, Lead free
0781720411
This document was generated on 03/08/2013


Similar Part No. - TM-638000029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
TM-638000029 MOLEX11-TM-638000029 Datasheet
23Kb / 1P
   Hand Crimper
TM-638000029 MOLEX5-TM-638000029 Datasheet
30Kb / 3P
   Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
TM-638000029CN MOLEX11-TM-638000029CN Datasheet
23Kb / 1P
   Hand Crimper
TM-638000029CN MOLEX5-TM-638000029CN Datasheet
30Kb / 3P
   Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
TM-638000029DE MOLEX11-TM-638000029DE Datasheet
23Kb / 1P
   Hand Crimper
More results

Similar Description - TM-638000029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-4300 MOLEX11-63819-4300 Datasheet
44Kb / 1P
   Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
63819-4600 MOLEX11-63819-4600 Datasheet
37Kb / 1P
   Hand Crimp Tool for Wire-to-Board Terminal, 24-28 AWG Wire
0638191500 MOLEX-0638191500 Datasheet
40Kb / 2P
   Hand Crimp Tool for 1.00mm Wire-to-Board Crimp Terminal, 28-32 AWG Wire
08/26/2022
63819-1500 MOLEX11-63819-1500 Datasheet
44Kb / 1P
   Hand Crimp Tool for 1.00mm Wire-to-Board Crimp Terminal, 28-32 AWG Wire
63819-4400 MOLEX11-63819-4400 Datasheet
45Kb / 1P
   Hand Tool for 1.25mm Wire-to-Board Crimp Terminal, 26-28 AWG Wire
0638194500 MOLEX-0638194500 Datasheet
30Kb / 1P
   Hand Crimp Tool for 1.75mm Wire-to-Board Crimp Terminal, 24-28 AWG
11/02/2021
0638194500 MOLEX11-0638194500 Datasheet
29Kb / 1P
   Hand Crimp Tool for 1.75mm Wire-to-Board Crimp Terminal, 24-28 AWG
0638117800 MOLEX-0638117800 Datasheet
36Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Wire Crimp Terminal, 24-28 AWG
08/26/2022
0638276900 MOLEX11-0638276900 Datasheet
64Kb / 1P
   Hand Crimp Tool for 1.25mm Pitch Wire-to-Board Crimp Terminal, 26 - 30 AWG, UL1061 wire
63819-2400 MOLEX11-63819-2400 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com