Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM-638000029TW Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # TM-638000029TW
Description  Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

TM-638000029TW Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  TM-638000029TW Datasheet HTML 1Page - Molex Electronics Ltd. TM-638000029TW Datasheet HTML 2Page - Molex Electronics Ltd. TM-638000029TW Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - TM-638000029TW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
TM-638000029TW MOLEX11-TM-638000029TW Datasheet
23Kb / 1P
   Hand Crimper
TM-638000029TW MOLEX5-TM-638000029TW Datasheet
30Kb / 3P
   Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
More results

Similar Description - TM-638000029TW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-4300 MOLEX11-63819-4300 Datasheet
44Kb / 1P
   Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
63819-4600 MOLEX11-63819-4600 Datasheet
37Kb / 1P
   Hand Crimp Tool for Wire-to-Board Terminal, 24-28 AWG Wire
0638191500 MOLEX-0638191500 Datasheet
40Kb / 2P
   Hand Crimp Tool for 1.00mm Wire-to-Board Crimp Terminal, 28-32 AWG Wire
08/26/2022
63819-1500 MOLEX11-63819-1500 Datasheet
44Kb / 1P
   Hand Crimp Tool for 1.00mm Wire-to-Board Crimp Terminal, 28-32 AWG Wire
63819-4400 MOLEX11-63819-4400 Datasheet
45Kb / 1P
   Hand Tool for 1.25mm Wire-to-Board Crimp Terminal, 26-28 AWG Wire
0638194500 MOLEX-0638194500 Datasheet
30Kb / 1P
   Hand Crimp Tool for 1.75mm Wire-to-Board Crimp Terminal, 24-28 AWG
11/02/2021
0638194500 MOLEX11-0638194500 Datasheet
29Kb / 1P
   Hand Crimp Tool for 1.75mm Wire-to-Board Crimp Terminal, 24-28 AWG
0638117800 MOLEX-0638117800 Datasheet
36Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Wire Crimp Terminal, 24-28 AWG
08/26/2022
0638276900 MOLEX11-0638276900 Datasheet
64Kb / 1P
   Hand Crimp Tool for 1.25mm Pitch Wire-to-Board Crimp Terminal, 26 - 30 AWG, UL1061 wire
63819-2400 MOLEX11-63819-2400 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com