Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX4417 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ARX4417
Description  ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4417 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ARX4417 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aeroflex Circuit Technology
SCD4418 REV B 10/18/99 Plainview NY (516) 694-6700
4
Electrical Characteristics, Receiver Section
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Input Impedance
f = 1MHz
ZIN
20K
100K
W
Differential Input Voltage Range
VIDR
40
V p-p
Input Common Mode Voltage Range
Note 1
VICR
10
V p-p
Common Mode Rejection Ratio Note 3
Note 1
CMRR
40
dB
Strobe Characteristics (Logic "0" inhibits output)
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7V
IIH
-
-1.0
+40
µA
"0" Input Voltage
VIL
-
-
0.7
V
"1" Input Voltage
VIH
2.0
-
-
V
Strobe Delay (turn-on or turn-off)
Note 1
tSD
-
-
150
nS
Threshold Characteristics (Sinewave input)
Internal Threshold Voltage (referred to the
bus) pins 6 and 11 grounded
100KHz-
1MHz
VTH
0.60
0.8
1.05
V p-p
External threshold control (pins 6 &11 open,
resistors from pin 5 and 12 to ground)
Max R =
10K
RTH / VTH
-
4000
-
Ω / V p-p
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4
mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4 mA
VOL
-
0.35
0.5
V
Delay, (average) from differential input zero
crossings to RX DATA and RX DATA output
50% points
Note 1
tDRX
-
300
450
nS
Power Data
Power Supply Currents (Power supplies set at +15V, -15V, +5V)
Duty Cycle
+V
-V
5V
Transmitter Standby
60mA
75mA
35mA
25% duty cycle Note 1
80mA
95mA
50% duty cycle
105mA
120mA
100% duty cycle Note 1
160mA
180mA
Recommended Power Supply Voltage Range
+V
+11.4 Volts to +15.75 Volts
-V
-11.4 Volts to -15.75 Volts
Logic
+4.5 Volts to + 5.5 Volts


Similar Part No. - ARX4417

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-1 AEROFLEX-ARX4404-001-1 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-2 AEROFLEX-ARX4404-001-2 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-201-1 AEROFLEX-ARX4404-201-1 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-201-2 AEROFLEX-ARX4404-201-2 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX4417

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
   ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
   Dual Variable Amplitude Transceivers for MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com