Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3003ITD1033T Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS3003ITD1033T
Description  A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003ITD1033T Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3003ITD1033T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3003ITD1033T Datasheet HTML 10Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS3003
TS3003DS r1p0
Page 9
RTFDS
TS3003 Start-up Time
As the TS3003 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator achieves steady-state operation within 8ms.
Divide the PWMOUT Output Frequency by Two
with the TS3003
Using a single resistor and capacitor, the TS3003 can
be configured to a divide by two circuit as shown in
Figure 2. To achieve a divide by two function with the
TS3003, the pulse width of the PWMOUT output
must be at least a factor of 2 greater than the period
set at FOUT by resistor RSET. The CPWM capacitor
selected must meet this pulse width requirement and
can be calculated using Equation 2. In Figure 3, a
value of 4
.32MΩ for RS T sets the
O T output
period to 40µs. A CPWM capacitor of 265pF was
chosen, which sets the pulse width of PWMOUT to
approximately 80µs. This is well above the required
minimum pulse width of 40µs.
Using the TS3003 and a Potentiometer to Dim an
LED
The TS3003 can be configured to dim an LED by
modulating the pulse width of the PWMOUT output.
With an RSET= 2
MΩ, the O T output frequency is
approximately 51kHz (or 19.5µs period). Refer to
Figure 3. The CPWM capacitor was calculated using
Equation 2 with a pulse width of 15µs. To reduce the
pulse width from 15µs and in turn, dim the LED, a
1MΩ potentiometer is used. The potentiometer is
connected to the PWM_CNTRL pin in a voltage
divider configuration. The supply voltage of the circuit
is 5V.
.
Figure 2: Configuring the TS3003 into a Divide by
Two Frequency Divider
Figure 3: TS3003 Configured to Dim an LED with a
Potentiometer


Similar Part No. - TS3003ITD1033T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3003ITD1033T SILABS-TS3003ITD1033T Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3003ITD1033T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com