Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX4810-201-3 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ARX4810-201-3
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4810-201-3 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ARX4810-201-3 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4810-201-3 Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4810-201-3 Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4810-201-3 Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4810-201-3 Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4810-201-3 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
6
Specifications subject to change without notice.
CIR C UIT TECHNOL OGY
Package Dimensions and Pin Outs
Notes
1. Dimensions shown are in inches
1.200 MAX
1.000
10 Equal Spaces @.100
.018 ±.002
.175
MIN
.065 ±.015
.140 MAX
.010 ±.002
TYP
1.200 MAX
1.000
10 Equal Spaces @.100
.310
MAX
.300 ±.010
.170
MIN
.140 MAX
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) THE-1553
Pin Numbers & Functions
Pin #
Function
Channel
1
INHIBIT
A
2TX DATA IN
A
3TX DATA IN
A
4STROBE
A
5
GROUND
A
6RX DATA OUT
B
7RX DATA OUT
B
8TX / RX
B
9TX / RX
B
10
-15V
B
11
+5V
B
12
INHIBIT
B
13
TX DATA IN
B
14
TX DATA IN
B
15
STROBE
B
16
GROUND
B
17
RX DATA OUT
A
18
RX DATA OUT
A
19
TX / RX
A
20
TX / RX
A
21
-15V
A
22
+5V
A
Flat Package
DIP Package
.310
MAX
.030 ±.010
.040
or .300
MIN


Similar Part No. - ARX4810-201-3

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808-2 AEROFLEX-ARX4808-2 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4868 AEROFLEX-ARX4868 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4868-2 AEROFLEX-ARX4868-2 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX4810-201-3

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
   ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
   ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
   ACT4468D Dual Transceivers for MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com