Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7031-30 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7031-30
Description  30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7031-30 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7031-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7031-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7031-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated
To 300 Watts Up To 1 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
50
Attenuation Value, dB
30
Maximum Input Power, Watts
300
Maximum VSWR
1.4:1
Frequency 1
Range, MHz
DC to 1,000
Attenuation Accuracy, dB
± 0.75
Mechanical Specifications
Size
Length, in [mm]
8.37 [212.6]
Width, in [mm]
6.25 [158.75]
Height, in [mm]
6.25 [158.75]
.
Connector 1
Type
N Male
Connector Specification
MIL-STD-348
Connector 2
Type
N Female
Connector Specification
MIL-STD-348
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized
Body Rated To 300 Watts Up To 1 GHz PE7031-30
PE7031-30
PE7031-30 REV A
30 dB Fixed Attenuator, N Male To N Female Directional Aluminum
Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz


Similar Part No. - PE7031-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7031-30 PASTERNACK-PE7031-30 Datasheet
260Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-30 PASTERNACK-PE7031-30_16 Datasheet
260Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7031-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7031-2 PASTERNACK-PE7031-2 Datasheet
255Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-10 PASTERNACK-PE7031-10 Datasheet
254Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-20 PASTERNACK-PE7031-20 Datasheet
257Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-3 PASTERNACK-PE7031-3 Datasheet
250Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7031-6 PASTERNACK-PE7031-6 Datasheet
255Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7410-30 PASTERNACK-PE7410-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7412-30 PASTERNACK-PE7412-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7019-30 PASTERNACK-PE7019-30 Datasheet
221Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7021-30 PASTERNACK-PE7021-30 Datasheet
252Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 100 Watts Up To 1.5 GHz
PE7409-30 PASTERNACK-PE7409-30 Datasheet
300Kb / 3P
   30 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com