Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-7000SC-250F17T Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT-7000SC-250F17T
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-7000SC-250F17T Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT-7000SC-250F17T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-7000SC-250F17T Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
7
When the ACT 7000SC is configured for 64-bit
addressing, the virtual address space layout is an
upward compatible extension of the 32-bit virtual
address space layout.
Joint TLB
For fast virtual-to-physical address translation, the
ACT 7000SC uses a large, fully associative TLB that
maps virtual pages to their corresponding physical
addresses. As indicated by its name, the joint TLB
(JTLB) is used for both instruction and data
translations. The JTLB is organized as pairs of
even/odd entries, and maps a virtual address and
address space identifier into the large, 64GB physical
address space. By default, the JTLB is configured as
48 pairs of even/odd entries. The 64 even/odd entry
optional configuration is set at boot time.
Two
mechanisms
are
provided
to
assist
in
controlling the amount of mapped space, and the
replacement
characteristics
of
various
memory
regions. First, the page size can be configured, on a
per-entry basis, to use page sizes in the range of 4KB
to 16MB (in 4X multiples). A CP0 register, PageMask,
is loaded with the desired page size of a mapping,
and that size is stored into the TLB along with the
virtual address when a new entry is written. Thus,
operating systems can create special purpose maps;
for example, a typical frame buffer can be memory
mapped using only one TLB entry.
The second mechanism controls the replacement
algorithm when a TLB miss occurs. The ACT 7000SC
provides a random replacement algorithm to select a
TLB entry to be written with a new mapping; however,
the processor also provides a mechanism whereby a
system specific number of mappings can be locked
into the TLB, thereby avoiding random replacement.
This mechanism allows the operating system to
guarantee that certain pages are always mapped for
performance reasons and for deadlock avoidance.
This mechanism also facilitates the design of
real-time systems by allowing deterministic access to
critical software.
The JTLB also contains information that controls
the
cache coherency protocol for each page.
Specifically, each page has attribute bits to determine
whether the coherency algorithm is: uncached,
write-back,
write-through
with
write-allocate,
write-through without write-allocate, write-back with
secondary bypass. Note that both of the write-through
protocols bypass the secondary cache since it does
not support writes of less than a complete cache line.
These protocols are used for both code and data on
the ACT 7000SC with data using write-back or
write-through depending on the application. The
write-through modes support the same efficient frame
buffer handling as the RM5200 Family, R4700 and
R5000.
Instruction TLB
The ACT 7000SC uses a 4-entry instruction TLB
(ITLB) to minimize contention for the JTLB, to
eliminate the critical path of translating through a
large associative array, and to save power. Each ITLB
entry maps a 4KB page. The ITLB improves
performance
by
allowing
instruction
address
translation to occur in parallel with data address
translation. When a miss occurs on an instruction
address translation by the ITLB, the least-recently
used ITLB entry is filled from the JTLB. The operation
of the ITLB is completely transparent to the user.
Data TLB
The ACT 7000SC uses a 4-entry data TLB (DTLB)
for the same reasons cited above for the ITLB. Each
DTLB entry maps a 4KB page. The DTLB improves
performance by allowing data address translation to
occur in parallel with instruction address translation.
When a miss occurs on a data address translation by
the DTLB, the DTLB is filled from the JTLB. The DTLB
refill is pseudo-LRU: the least recently used entry of
the least recently used pair of entries is filled. The
operation of the DTLB is completely transparent to the
user.
Figure 5 – Kernel Mode Virtual Addressing
(32-bit mode)
0xFFFFFFFF Kernel virtual address space
(kseg3)
Mapped, 0.5GB
0xE0000000
0xDFFFFFFF Supervisor virtual address space
(ksseg)
Mapped, 0.5GB
0xC0000000
0xBFFFFFFF Uncached kernel physical address space
(kseg1)
Unmapped, 0.5GB
0xA0000000
0x9FFFFFFF
Cached kernel physical address space
(kseg0)
Unmapped, 0.5GB
0x80000000
0x7FFFFFFF
User virtual address space
(kuseg)
Mapped, 2.0GB
0x00000000


Similar Part No. - ACT-7000SC-250F17T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACT-14MHZ-C-F ABRACON-ACT-14MHZ-C-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-C-S ABRACON-ACT-14MHZ-C-S Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-H-F ABRACON-ACT-14MHZ-H-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-H-S ABRACON-ACT-14MHZ-H-S Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-J-F ABRACON-ACT-14MHZ-J-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
More results

Similar Description - ACT-7000SC-250F17T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com