Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-D2M32A-150F18C Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-D2M32A-150F18C
Description  ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D2M32A-150F18C Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT-D2M32A-150F18C Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D2M32A-150F18C Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
SCD1666A REV A 9/12/97 Plainview NY (516) 694-6700
6
AC Waveforms for Write and Erase Operations, WE Controlled
AC Test Circuit
Device
Under
Test
CL
R2
R1
VCC
Test Configuration Component Values
Test Configuration
CL
(pF)
R1
(
Ω)
R2
(Ω)
3.3V Standard Test
50
990
770
5V Standard Test
50
580
390
NOTES:
CL includes jig capacitance.
OUT
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference Level
1.5
V
5555H
PA
PA
AOH
3rd Bus Cycle
Data Polling
PD
DQ7
DOUT
+5 Volt
Data
WE
OE
CE
Addresses
tDH
tWPH
tWP
tCS
tDS
tWHWH1
tGHWL
tAS
tAH
tWC
tOE
tCE
tOH
tDF
tRC


Similar Part No. - ACT-D2M32A-150F18C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-D1M32B-080F14C AEROFLEX-ACT-D1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14I AEROFLEX-ACT-D1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14M AEROFLEX-ACT-D1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14Q AEROFLEX-ACT-D1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14T AEROFLEX-ACT-D1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-D2M32A-150F18C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com