Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7161-6 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7161-6
Description  6 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7161-6 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7161-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7161-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7161-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
6 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-
Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-6
CAD Drawing
PE7161-6 REV


Similar Part No. - PE7161-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7161-1 PASTERNACK-PE7161-1 Datasheet
220Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-1 PASTERNACK-PE7161-1 Datasheet
237Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
PE7161-10 PASTERNACK-PE7161-10 Datasheet
220Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-10 PASTERNACK-PE7161-10 Datasheet
237Kb / 3P
   10 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
PE7161-10 PASTERNACK-PE7161-10_16 Datasheet
237Kb / 3P
   10 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
More results

Similar Description - PE7161-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7161-1 PASTERNACK-PE7161-1 Datasheet
220Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-2 PASTERNACK-PE7161-2 Datasheet
221Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-7 PASTERNACK-PE7161-7 Datasheet
220Kb / 3P
   7 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-30 PASTERNACK-PE7161-30 Datasheet
262Kb / 3P
   30 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-9 PASTERNACK-PE7161-9 Datasheet
221Kb / 3P
   9 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-3 PASTERNACK-PE7161-3 Datasheet
220Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-5 PASTERNACK-PE7161-5 Datasheet
221Kb / 3P
   5 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-12 PASTERNACK-PE7161-12 Datasheet
221Kb / 3P
   12 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-8 PASTERNACK-PE7161-8 Datasheet
220Kb / 3P
   8 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-15 PASTERNACK-PE7161-15 Datasheet
221Kb / 3P
   15 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com