Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F128K32N-060P7I Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT-F128K32N-060P7I
Description  ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F128K32N-060P7I Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT-F128K32N-060P7I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-F128K32N-060P7I Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Aeroflex Circuit Technology
SCD1667 REV A 4/28/97 Plainview NY (516) 694-6700
8
D5
EXCEEDED TIMING LIMITS
D5 will indicate if the program or erase time has
exceeded the specified limits. Under these conditions
D5 will produce a "1". The Program or erase cycle was
not successfully completed.
Data Polling is the only
operation function of the device under this condition.
The CE circuit will partially power down the device under
these conditions by approximately 8 mA per chip. The
OE and WE pins will control the output disable functions
as shown in Table 1. To reset the device, write the reset
command sequence to the device.
This allows the
system to continue to use the other active sectors in the
device.
D4 - HARDWARE SEQUENCE FLAG
If the device has exceeded the specified erase or
program time and D5 is "1", then D4 Will indicate which
step in the algorithm the device exceeded the limits. A
"0" in D4 indicates in programming, a "1" indicates an
erase. (See Table 4)
D3
SECTOR ERASE TIMER
After the completion of the initial sector erase command
sequence the sector erase time-out will begin. D3 will
remain low until the time-out is complete. Data Polling
and Toggle Bit are valid after the initial sector erase
command sequence.
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, D3 may be
used to determine if the sector erase timer window is still
open. If D3 is high ("1") the internally controlled erase
cycle
has
begun;
attempts
to
write
subsequent
commands to the device will be ignored until the erase
operation is completed as indicated by Data Polling or
Toggle Bit.
If D3 is low ("0"), the device will accept
additional sector erase commands.
To ensure the
command has been accepted, the software should check
the status of D3 prior to and following each subsequent
sector erase command. If D3 were high on the second
status check, the command may not have been
accepted.
Sector Protection
Algorithims
SECTOR PROTECTION
The ACT-F128K32 features hardware sector protection
which will disable both program and erase operations to
an individual sector or any group of sectors. To activate
this mode, the programming equipment must force VID
on control pin OE and address pin A9.
The sector
addresses should be set using higher address lines A16,
A15, and A14. The protection mechanism begins on the
falling edge of the WE pulse and is terminated with the
rising edge of the same.
It is also possible to verify if a sector is protected during
the sector protection operation. This is done by setting
CE = OE = VIL and WE = VIH (A9 remains high at VID).
Reading the device at address location XXX2H, where
the higher order addresses (A16, A15 and A14) define a
particular sector, will produce 01H at data outputs D0 -
D7, for a protected sector.
SECTOR UNPROTECT
The ACT-F128K32 also features a sector unprotect
mode, so that a protected sector may be unprotected to
incorporate any changes in the code. All sectors should
be protected prior to unprotecting any sector.
To activate this mode, the programming equipment must
force VID on control pins OE, CE, and address pin A9.
The address pins A6, A7, and A12 should be set to VIH,
and A6 = VIL. The unprotection mechanism begins on
the falling edge of the WE pulse and is terminated with
the rising edge of the same.
It is also possible to determine if a sector is unprotected
in the system by writing the autoselect command.
Performing a read operation at address location XXX2H,
where the higher order addresses (A16, A15, and A14)
define a particular sector address, will produce 00H at
data outputs (D0-D7) for an unprotected sector.
Table 4 — Hardware Sequence Flags
In Progress
Status
D7
D6
D5 D4 D3
D2 – D0
Auto-Programming
D7
Toggle
0
0
0
Reserved for
future use
Programming in Auto Erase
0
Toggle
0
0
1
Erase in Auto Erase
0
Toggle
0
1
1
Exceeding Time Limits
Auto-Programming
D7
Toggle
1
0
0
Reserved for
future use
Programming in Auto Erase
T0
Toggle
1
0
1
Erase in Auto Erase
0
Toggle
1
1
1


Similar Part No. - ACT-F128K32N-060P7I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F128K32N-060P7I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com