Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT300PFB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPT300PFB
Description  300 Watts AT Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPT300PFB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPT300PFB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
SPT300PFB
(RoHS Compliant)
300 Watts AT Switching Power Supply
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 50 ~ 60Hz
Input Current: Max 7A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage
Features
Complied with AT standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settabl
ower shut down
Specification
Temperature Range: Operating: -30°C ~ +50°C; storage &
shipping: -20°C ~ +80°C
Humidity: 5 ~ 95% on operating, 5 ~ 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 75% minimum, typical up to 80%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac,50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm /5.5x5.9x3.4inch
e p
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved y UL,CSA22.2 NO or CUL 60950-1, TUV or VDE,
EMC,FCC ,CE, CB report.
b
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+5V
2.0A
20A
40A
± 5%
50mV P-P
+12V
1.0A
7.5A
15A
± 5%
120mV P-P
-5V
0.0A
0.15A
0.3A
± 10%
50mV P-P
-12V
0.0A
0.4A
0.8A
± 10%
120mV P-P
*+5V and +12V total output not exceed 290W
* Total output for this subject power supply is 300W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPT300PFB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SPT30L-123ML COILCRAFT-SPT30L-123ML Datasheet
248Kb / 3P
   SMT Power Inductors
SPT30L-174ML COILCRAFT-SPT30L-174ML Datasheet
248Kb / 3P
   SMT Power Inductors
SPT30L-353ML COILCRAFT-SPT30L-353ML Datasheet
248Kb / 3P
   SMT Power Inductors
SPT30L-522ML COILCRAFT-SPT30L-522ML Datasheet
248Kb / 3P
   SMT Power Inductors
More results

Similar Description - SPT300PFB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP300-60GLS SPI-FSP300-60GLS Datasheet
542Kb / 2P
   300 Watts SFX12V Switching Power Supply
FSP300-60GNV SPI-FSP300-60GNV Datasheet
70Kb / 1P
   300 Watts SFX12V Switching Power Supply
FSP300-60GRE SPI-FSP300-60GRE Datasheet
77Kb / 1P
   300 Watts ATX12V Switching Power Supply
FSP300-60PN SPI-FSP300-60PN Datasheet
76Kb / 1P
   300 Watts ATX12V Switching Power Supply
ATX-300GT SPI-ATX-300GT Datasheet
569Kb / 2P
   300 Watts ATX12V Switching Power Supply
FSP300-60PLN SPI-FSP300-60PLN Datasheet
39Kb / 1P
   300 Watts ATX12V Switching Power Supply
SPI300GLS SPI-SPI300GLS Datasheet
329Kb / 1P
   300 Watts SFX12V Switching Power Supply
SPI300T8AG SPI-SPI300T8AG Datasheet
1Mb / 1P
   300 Watts TFX12V Switching Power Supply
FSP300-60MD SPI-FSP300-60MD Datasheet
141Kb / 1P
   300 Watts ATX Switching Power Supply
ATX-300GU SPI-ATX-300GU Datasheet
176Kb / 2P
   300 Watts ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com