Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1M32B-080F14I Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT-F1M32B-080F14I
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1M32B-080F14I Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT-F1M32B-080F14I Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1M32B-080F14I Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
8
Pin Numbers & Functions
68 Pins — Dual-Cavity CQFP (Standard Configuration)
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
GND
18
GND
35
OE
52
GND
2
CE3
19
I/O8
36
CE2
53
I/O23
3
A5
20
I/O9
37
A17
54
I/O22
4
A4
21
I/O10
38
WP
55
I/O21
5
A3
22
I/O11
39
NC
56
I/O20
6
A2
23
I/O12
40
NC
57
I/O19
7
A1
24
I/O13
41
A18
58
I/O18
8
A0
25
I/O14
42
A19
59
I/O17
9
RP
26
I/O15
43
VPP
60
I/O16
10
I/O0
27
VCC
44
I/O31
61
VCC
11
I/O1
28
A11
45
I/O30
62
A10
12
I/O2
29
A12
46
I/O29
63
A9
13
I/O3
30
A13
47
I/O28
64
A8
14
I/O4
31
A14
48
I/O27
65
A7
15
I/O5
32
A15
49
I/O26
66
A6
16
I/O6
33
A16
50
I/O25
67
WE
17
I/O7
34
CE1
51
I/O24
68
CE4
Consult Factory for Special order (Optional Configuration): Pin 38 - WE2, Pin 39 - WE3, Pin 40 - WE4 and
Pin 67 - WE1
"F14" — CQFP Dual-Cavity Flat Package
All dimensions in inches
0.015
0.990 SQ
±.010
0.940 SQ
±.010
0.800 REF
See Detail “A”
±.002
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
0.750
MAX
Pin 61
0.180
0.01R
Detail “A”
.008
+.002
.040
.010
±.008
-.001


Similar Part No. - ACT-F1M32B-080F14I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F1M32B-080F14I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com