Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F1288N-150P4I Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-150P4I
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-150P4I Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT-F1288N-150P4I Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F1288N-150P4I Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
6
BYTE PROGRAMING
The device is programmed on a byte-byte basis.
Programming is a four bus cycle operation. There are
two "unlock" write cycles.
These are followed by the
program set-up command and data write cycles.
Addresses are latched on the falling edge of CE or WE,
whichever occurs later, while the data is latched on the
rising edge of CE or WE whichever occurs first.
The
rising edge of CE or WE (whichever happens first)
begins programming using the Embedded Program
Algorithm.
Upon executing the program algorithm
command sequence the system is not required to
provide further controls or timings.
The device will
automatically provide adequate internally generated
program pulses and verify the programmed cell.
The automatic programming operation is completed
when the data on D7 (also used as Data Polling) is
equivalent to data written to this bit at which time the
device returns to the read mode and addresses are no
longer latched.
Therefore, the device requires that a
valid address be supplied by the system at this particular
instance of time for Data Polling operations. Data Polling
must be performed at the memory location which is
being programmed.
Any commands written to the chip during the Embedded
Program Algorithm will be ignored.
Programming is allowed in any sequence and across
sector boundaries.
Beware that a data "0" cannot be
programmed back to a “1".
Attempting to do so may
cause the device to exceed programming time limits (D5
= 1) or result in an apparent success, according to the
data polling algorithm, but a read from reset/read mode
will show that the data is still “0". Only erase operations
can convert “0"s to “1"s.
Figure 3 illustrates the programming algorithm using
typical command strings and bus operations.
CHIP ERASE
Chip erase is a six bus cycle operation. There are two
'unlock' write cycles. These are followed by writing the
“set-up” command. Two more “unlock” write cycles are
then followed by the chip erase command.
Chip erase does not require the user to program the
device prior to erase.
Upon executing the Embedded
Erase Algorithm command sequence (Figure 4) the
device will automatically program and verify the entire
memory for an all zero data pattem prior to electrical
erase.
The erase is performed concurrently on all
sectors at the same time . The system is not required to
provide any controls or timings during these operations.
Note: Post Erase data state is all "1"s.
The automatic erase begins on the rising edge of the last
WE pulse in the command sequence and terminates
when the data on D7 is "1" (see Write Operation Status
section - Table 3) at which time the device retums to read
mode. See Figures 4 and 9.
SECTOR ERASE
Sector erase is a six bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"setup" command. Two more "unlock" write cycles are
then followed by the sector erase command. The sector
address (any address location within the desired sector)
is latched on the falling edge of WE, while the command
(30H) is latched on the rising edge of WE.
After a
time-out of 80µs from the rising edge of the last sector
erase command, the sector erase operation will begin.
Multiple sectors may be erased concurrently by writing
the six bus cycle operations as described above. This
sequence is followed with writes of the sector erase
command to addresses in other sectors desired to be
concurrently erased.
The time between writes must be
less than 80µs otherwise that command will not be
accepted and erasure will start. It is recommended that
processor interrupts be disabled during this time to
guarantee this condition.
The interrupts can be
re-enabled after the last Sector Erase command is
written. A time-out of 80µs from the rising edge of the
last WE will initiate the execution of the Sector Erase
command(s). If another falling edge of the WE occurs
within the 80µs time-out window the timer is reset.
(Monitor D3 to determine if the sector erase timer
window is still open, see section D3, Sector Erase
Timer.) Any commarid other than Sector Erase during
this period will reset the device to read mode, ignoring
the previous command string. In that case, restart the
erase on those sectors and allow them to complete.
Table 3 — Commands Definitions
Command
Sequence
Bus
Write
Cycle
Req’d
First Bus Write
Cycle
Second Bus Write
Cycle
Third Bus Write
Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus Write
Cycle
Sixth Bus Write
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
4
5555H
AAH
2AAAH
55H
5555H
F0H
RA
RD
Byte Program
6
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD
Chip Erase
6
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
6
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SA
30H
NOTES:
1. Address bit A15 = X = Don't Care. Write Sequences may be initiated with A15 in either state.
2. Address bit A16 = X = Don't Care for all address commands except for Program Address (PA) and Sector Address (SA).
3. RA = Address of the memory location to be read
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse.
SA = Address of the sector to be erased. The combination of A16, A15, A14 will uniquely select any sector.
4. RD = Data read from location RA during read Operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE.


Similar Part No. - ACT-F1288N-150P4I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-150P4I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com