Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-9729 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-9729
Description  LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9729 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-9729 Datasheet HTML 1Page - Fairchild Semiconductor AN-9729 Datasheet HTML 2Page - Fairchild Semiconductor AN-9729 Datasheet HTML 3Page - Fairchild Semiconductor AN-9729 Datasheet HTML 4Page - Fairchild Semiconductor AN-9729 Datasheet HTML 5Page - Fairchild Semiconductor AN-9729 Datasheet HTML 6Page - Fairchild Semiconductor AN-9729 Datasheet HTML 7Page - Fairchild Semiconductor AN-9729 Datasheet HTML 8Page - Fairchild Semiconductor AN-9729 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN-9729
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 11/16/12
3
resistance. Figure 5 shows how this equivalent load
resistance is derived. The primary-side circuit is replaced
by a sinusoidal current source, Iac, and a square wave of
voltage, VRI, appears at the input to the rectifier. Since the
average of |Iac| is the output current, Io, Iac, is obtained as:
sin(
)
2
o
ac
I
I
t
(1)
and VRI is given as:
sin(
)
0
sin(
)
0
RI
o
RI
o
VV
if
t
VV
if
t


(2)
where Vo is the output voltage.
The fundamental component of VRI is given as:
4
sin(
)
F
o
RI
V
Vt
(3)
Since harmonic components of VRI are not involved in the
power transfer, AC equivalent load resistance can be
calculated by dividing VRI
F by Iac as:
22
88
F
o
RI
ac
o
ac
o
V
V
RR
II


(4)
Considering the transformer turns ratio (n=Np/Ns), the
equivalent load resistance shown in the primary side is
obtained as:
2
2
8
ac
o
n
RR
(5)
By using the equivalent load resistance, the AC
equivalent circuit is obtained, as illustrated in Figure 6,
where Vd
F and VROF are the fundamental components of
the driving voltage, Vd, and reflected output voltage,
VRO (nVRI), respectively.
pk
ac
I
4
sin(
)
F
o
RI
V
Vwt
)
sin(
2
wt
I
I
o
ac
Figure 5. Derivation of Equivalent Load Resistance Rac
VO
Lm
Lr
Cr
Ro
VIN
Vd
F
(nVRI
F)
Lm
Lr
Cr
Rac
Np:Ns
Vd
+
-
-
+
VRI
n=Np/Ns
2
2
8
ac
o
n
R
R
+
-
VRo
F
Figure 6. AC Equivalent Circuit for LLC
Resonant Converter
With the equivalent load resistance obtained in Equation
5, the characteristics of the LLC resonant converter can
be derived. Using the AC equivalent circuit of Figure 6,
the voltage gain, M, is obtained as:
2
22
22
4
sin(
)
2
4
sin(
)
2
() (
1)
(1)
(
1)(
1)
o
FF
RORI
o
FF
in
dd
in
o
po
o
nV
t
Vn V
n V
M
V
VV
V
t
m
jm
Q
 
 


(6)
where:
2
2
8
,,
11
1
,,
p
pm
r
ac
o
r
r
op
rac
rr
p
r
L
n
LL
L
R
R
m
L
L
Q
CR
LC
L C



As can be seen in Equation (6), there are two resonant
frequencies. One is determined by Lr and Cr, while the
other is determined by Lp and Cr.
Equation (6) shows the gain is unity at resonant frequency
o), regardless of the load variation, which is given as:
2
22
(1)
2
1
p
o
o
in
o
p
m
nV
Mat
V
 



(7)
The gain of Equation (6) is plotted in Figure 7 for
different Q values with m=3, fo=100kHz, and fp=57kHz.
As observed in Figure 7, the LLC resonant converter
shows gain characteristics that are almost independent of
the load when the switching frequency is around the
resonant frequency, fo. This is a distinct advantage of
LLC-type resonant converter over the conventional series
resonant converter. Therefore, it is natural to operate the
converter around the resonant frequency to minimize the
switching frequency variation.
The operating range of the LLC resonant converter is
limited by the peak gain (attainable maximum gain),
which is indicated with ‘*’ in Figure 7. Note that the peak
voltage gain does not occur at fo or fp. The peak gain
frequency where the peak gain is obtained exists between


Similar Part No. - AN-9729

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
AN-9721 FAIRCHILD-AN-9721 Datasheet
130Kb / 4P
   Li-Ion Battery Charging Basics
More results

Similar Description - AN-9729

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
   LLC resonant half-bridge converter design guideline
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
AN-9731 FAIRCHILD-AN-9731 Datasheet
1Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Texas Instruments
UCC25710 TI1-UCC25710 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com